Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1S414 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1S414
Descripción Electrónicos  USB CHARGER OVP SWITCH WITH ESD FOR V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S414 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD1S414 Datasheet HTML 5Page - Texas Instruments TPD1S414 Datasheet HTML 6Page - Texas Instruments TPD1S414 Datasheet HTML 7Page - Texas Instruments TPD1S414 Datasheet HTML 8Page - Texas Instruments TPD1S414 Datasheet HTML 9Page - Texas Instruments TPD1S414 Datasheet HTML 10Page - Texas Instruments TPD1S414 Datasheet HTML 11Page - Texas Instruments TPD1S414 Datasheet HTML 12Page - Texas Instruments TPD1S414 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VBUS
DP
DM
ID
GND
V
BUS_CON
V
BUS_SYS
PMIC
GND
EN
ACK
to V
CC
to µP
to µP
TPD1S414
ESD
TPD3E105
GND
C
IN
C
LOAD
R
PULLUP
TPD1S414
www.ti.com
SLLSEH9A –OCTOBER 2013–REVISED OCTOBER 2013
APPLICATION INFORMATION
Figure 10. Typical Application Configuration for TPD1S414
The IEC 61000-4-5 standard specifies the lightning and industrial surge model. Power lines like the VBUS line on
the USB port is subject to switching and lightning transients. Power supply switching transients can enter the
system due to capacitor bank switching on the rail, minor load switching on the system and various system faults
like arcing to the grounding system of the installation. Direct lightning to the outer installations cause an over
voltage condition on the VBUS line. In the event of an over voltage condition, the OVP block of the Processor or
the protection circuitry turns off isolating the system from these transients. Abruptly turning off the Load, causes a
further ripple due to the inductive nature of the charging cable. End systems require protection against these
transients. These transients have greater energy than the ESD events. Systems cannot be protected from these
transients using simple ESD diodes. The TPD1S414 has a precision trigger and precision clamping circuit that
ensures a DC tolerance of 30 V while suppressing surge voltage up to 100V under 35 V.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD1S414


Número de pieza similar - TPD1S414

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
More results

Descripción similar - TPD1S414

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com