Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4705-D60-GM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SI4705-D60-GM
Descripción Electrónicos  Enhanced Broadcast FM Radio Receiver for Portable Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SI4705-D60-GM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SI4705-D60-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI4705-D60-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FM Tuner
Copyright © 2008 by Silicon Laboratories
4.02.08
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si4704/05
Enhanced Broadcast FM Radio Receiver for Portable Applications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
64
108
MHz
Sensitivity (76–108 MHz)
(S+N)/N = 26 dB
1.1
µV EMF
Input IP3
|f2 – f1| > 1 MHz; f0 = 2 x f1 – f2
AGC disabled
105
dBµV EMF
Adjacent Channel Selectivity
±200 kHz
50
dB
Alternate Channel Selectivity
±400 kHz
70
dB
RCLK Frequency
32.768
kHz
RCLK Frequency Tolerance
–100
100
ppm
Audio Output Voltage
72
80
90
mVrms
Audio Mono S/N
55
63
dB
Audio THD
0.1
0.5
%
Supply Voltage
VD, VA
2.7
5.5
V
Interface Supply Voltage
VIO
1.5
3.6
V
Ambient Temperature
TA
–20
25
85
°C
Supply Current
IAD
19.2
mA
Powerdown Current
IPD
10
12
µA
Seek/Tune Time
80
ms/channel
SCLK Frequency
fCLK
3-wire operation
2.5
MHz
fSCL
2-wire operation
400
kHz
Powerup Time
From powerdown
110
ms
Selected Electrical Specifications
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
LPI
VDD
FMI
RFGND
Package Information
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
f
2.53 BSC
A1
0.00
0.02
0.05
L
0.35
0.40
0.45
b
0.18
0.25
0.30
L1
0.00
0.10
c
0.27
0.32
0.37
aaa
0.10
D
3.00 BSC
bbb
0.10
D2
1.60
1.70
1.80
ccc
0.08
e
0.50 BSC
ddd
0.10
E
3.00 BSC
eee
0.10
E2
1.60
1.70
1.80
Notes:
1.
All dimensions are shown in millimeters unless otherwise noted.
2.
Dimensioning and tolerancing per ANSI Y14.5M-1994.


Número de pieza similar - SI4705-D60-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4705-D60-GM SILABS-Si4705-D60-GM Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4705-D60-GM SKYWORKS-SI4705-D60-GM Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
More results

Descripción similar - SI4705-D60-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com