Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM4T7V6AYCAY Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza SM4T7V6AYCAY
Descripción Electrónicos  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T7V6AYCAY Datasheet(HTML) 1 Page - STMicroelectronics

  SM4T7V6AYCAY Datasheet HTML 1Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 2Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 3Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 4Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 5Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 6Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 7Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 8Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
March 2012
Doc ID 17862 Rev 3
1/12
12
SM4TY
Automotive 400 W Transil™
Datasheet
production data
Features
Peak pulse power:
– 400 W (10/1000 µs)
– 2.3 kW (8/20 µs)
Stand-off voltage range: from 5 V to 70 V
Unidirectional and bidirectional types
Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
Operating Tj max: 150 °C
High power capability at Tj max:
– 270 W (10/1000 µs)
JEDEC registered package outline
Resin meets UL 94, V0
AEC-Q101 qualified
Complies with the following standards
ISO 10605, C = 150 pF, R = 330
Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
ISO 10605, C = 330 pF, R = 330
Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
ISO 7637-2(a)
– pulse 1: VS = -100 V
– pulse 2a: VS = +50 V
– pulse 3a: VS = -150 V
– pulse 3b: VS = +100 V
Description
The SM4TY Transil series has been designed to
protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against
electrostatic discharges according to ISO 10605.
The planar technology makes it compatible with
high-end circuits where low leakage current and
high junction temperature are required to provide
reliability and stability over time. SM4TY devices
are packaged in SMA (SMA footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
a.
Not applicable to parts with stand-off voltage lower
than the average battery voltage (13.5 V)
K
A
Unidirectional
Bidirectional
SMA
(JEDEC DO-214AC)
www.st.com


Número de pieza similar - SM4T7V6AYCAY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SM4T7V6AY STMICROELECTRONICS-SM4T7V6AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T7V6AY STMICROELECTRONICS-SM4T7V6AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

Descripción similar - SM4T7V6AYCAY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com