Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2771 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2771
Descripción Electrónicos  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2771 Datasheet(HTML) 5 Page - Texas Instruments

  LM2771 Datasheet HTML 1Page - Texas Instruments LM2771 Datasheet HTML 2Page - Texas Instruments LM2771 Datasheet HTML 3Page - Texas Instruments LM2771 Datasheet HTML 4Page - Texas Instruments LM2771 Datasheet HTML 5Page - Texas Instruments LM2771 Datasheet HTML 6Page - Texas Instruments LM2771 Datasheet HTML 7Page - Texas Instruments LM2771 Datasheet HTML 8Page - Texas Instruments LM2771 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2771
www.ti.com
SNVS435 – MARCH 2006
Typical Performance Characteristics
Unless otherwise specified: VIN = 3.6V, CIN = C1 = 1.0µF, COUT = 4.7µF, TA = 25ºC. Capacitors are low-ESR multi-layer
ceramic capacitors (MLCC's).
Output Voltage
Output Voltage
vs.
vs.
Input Voltage
Output Current
Efficiency
Efficiency
vs.
vs.
Input Voltage
Output Current
Input Voltage Ripple, Load=6
Ω(250mA)
Output Voltage Ripple, Load=6
Ω(250mA)
CH1: VIN, CIN = 1µF; Scale: 50mV/Div, AC Coupled
CH2: VOUT, COUT = 4.7µF; Scale: 20mV/Div, AC Coupled
CH2: VIN, CIN = 10µF; Scale: 50mV/Div, AC Coupled
Time scale: 200ns/Div
Time scale: 200ns/Div
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2771


Número de pieza similar - LM2771

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SD NSC-LM2771SD Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SDX NSC-LM2771SDX Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
More results

Descripción similar - LM2771

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
[Old version datasheet]   LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com