Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2511 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2511
Descripción Electrónicos  USB Dedicated Charging Port Controller and Current Limiting Power Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2511 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2511 Datasheet HTML 7Page - Texas Instruments TPS2511 Datasheet HTML 8Page - Texas Instruments TPS2511 Datasheet HTML 9Page - Texas Instruments TPS2511 Datasheet HTML 10Page - Texas Instruments TPS2511 Datasheet HTML 11Page - Texas Instruments TPS2511 Datasheet HTML 12Page - Texas Instruments TPS2511 Datasheet HTML 13Page - Texas Instruments TPS2511 Datasheet HTML 14Page - Texas Instruments TPS2511 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS2511
www.ti.com
SLUSB18 – JUNE 2012
DETAILED DESCRIPTION
Overview
The following overview references various industry standards. It is always recommended to consult the latest
standard to ensure the most recent and accurate information.
Rechargeable portable equipment requires an external power source to charge its batteries. USB ports are
convenient locations for charging because of an available 5-V power source. Universally accepted standards are
required to ensure host and client-side devices meet the power management requirements. Traditionally, USB
host ports following the USB 2.0 Specification must provide at least 500 mA to downstream client-side devices.
Because multiple USB devices can be attached to a single USB port through a bus-powered hub, it is the
responsibility of the client-side device to negotiate the power allotment from the host to guarantee the total
current draw does not exceed 500 mA. The TPS2511 provides 100 mA of current to each USB device. Each
USB device can subsequently request more current, which is granted in steps of 100 mA up 500 mA total.. The
host may grant or deny the request based on the available current.
Additionally, the success of the USB technology makes the micro-USB connector a popular choice for wall
adapter cables. This allows a portable device to charge from both a wall adapter and USB port with only one
connector.
One common difficulty has resulted from this. As USB charging has gained popularity, the 500-mA minimum
defined by the USB 2.0 Specification or 900 mA defined in the USB 3.0 Specification, has become insufficient for
many handsets, tablets and personal media players (PMP) which have a higher rated charging current. Wall
adapters and car chargers can provide much more current than 500 mA or 900 mA to fast charge portable
devices. Several new standards have been introduced defining protocol handshaking methods that allow host
and client devices to acknowledge and draw additional current beyond the 500 mA (defined in the USB 2.0
Specification) or 900 mA (defined in the USB 3.0 Specification) minimum while using a single micro-USB input
connector.
The TPS2511 supports three of the most common protocols:
USB Battery Charging Specification, Revision 1.2 (BC1.2)
Chinese Telecommunications Industry Standard YD/T 1591-2009
Divider Mode
In these protocols there are three types of charging ports defined to provide different charging current to client-
side devices. These charging ports are defined as:
Standard downstream port (SDP)
Charging downstream port (CDP)
Dedicated charging port (DCP)
The BC1.2 Specification defines a charging port as a downstream facing USB port that provides power for
charging portable equipment.
Table 1 shows different port operating modes according to the BC1.2 Specification.
Table 1. Operating Modes Table
MAXIMUM ALLOWABLE CURRENT
SUPPORTS USB 2.0
DRAWN
PORT TYPE
COMMUNICATION
BY PORTABLE EQUIPMENT (A)
SDP (USB 2.0)
Yes
0.5
SDP (USB 3.0)
Yes
0.9
CDP
Yes
1.5
DCP
No
1.5
The BC1.2 Specification defines the protocol necessary to allow portable equipment to determine what type of
port it is connected to so that it can allot its maximum allowable current drawn. The hand-shaking process is two
steps. During step one, the primary detection, the portable equipment outputs a nominal 0.6 V output on its D+
line and reads the voltage input on its D- line. The portable device concludes it is connected to a SDP if the
voltage is less than the nominal data detect voltage of 0.3 V. The portable device concludes that it is connected
to a Charging Port if the D- voltage is greater than the nominal data detect voltage of 0.3V and less than 0.8 V.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS2511


Número de pieza similar - TPS2511

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511DGN TI1-TPS2511DGN Datasheet
898Kb / 26P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511DGNR TI1-TPS2511DGNR Datasheet
898Kb / 26P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511QDGNQ1 TI1-TPS2511QDGNQ1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
More results

Descripción similar - TPS2511

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2511QDGNQ1 TI1-TPS2511QDGNQ1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com