Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2062-1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS2062-1
Descripción Electrónicos  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062-1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2062-1_14 Datasheet HTML 1Page - Texas Instruments TPS2062-1_14 Datasheet HTML 2Page - Texas Instruments TPS2062-1_14 Datasheet HTML 3Page - Texas Instruments TPS2062-1_14 Datasheet HTML 4Page - Texas Instruments TPS2062-1_14 Datasheet HTML 5Page - Texas Instruments TPS2062-1_14 Datasheet HTML 6Page - Texas Instruments TPS2062-1_14 Datasheet HTML 7Page - Texas Instruments TPS2062-1_14 Datasheet HTML 8Page - Texas Instruments TPS2062-1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
D−8
DGN−8
D−16
1
FEATURES
TPS2065-1
DGNPACKAGE
(TOPVIEW)
TPS2062-1/TPS2066-1
DANDDGNPACKAGE
(TOPVIEW)
DESCRIPTION
APPLICATIONS
TPS201xA
TPS202x
TPS203x
33 m
Ω, single
0.2 A − 2 A
0.2 A − 2 A
0.2 A − 2 A
TPS2014
TPS2015
TPS2041B
TPS2051B
TPS2045
TPS2055
TPS2061
TPS2065
80 m
Ω, single
600 mA
1 A
500 mA
500 mA
250 mA
250 mA
1 A
1 A
GENERAL SWITCH CATALOG
TPS2042B
TPS2052B
TPS2046
TPS2056
TPS2062
TPS2066
TPS2060
TPS2064
80 m
Ω, dual
500 mA
500 mA
250 mA
250 mA
1 A
1 A
1.5 A
1.5 A
TPS2100/1
260 m
IN1
500 mA
IN2
10 mA
OUT
IN1
IN2
TPS2102/3/4/5
IN1
500 mA
IN2
100 mA
1.3
TPS2043B
TPS2053B
TPS2047
TPS2057
80 m
Ω, triple
500 mA
500 mA
250 mA
250 mA
TPS2044B
TPS2054B
TPS2048
TPS2058
80 m
Ω, quad
500 mA
500 mA
250 mA
250 mA
80 m
Ω, dual
TPS2080
TPS2081
TPS2082
TPS2090
500 mA
500 mA
500 mA
250 mA
TPS2091
TPS2092
250 mA
250 mA
80 m
Ω, quad
TPS2085
TPS2086
TPS2087
TPS2095
500 mA
500 mA
500 mA
250 mA
TPS2096
TPS2097
250 mA
250 mA
TPS2062-1
TPS2065-1
TPS2066-1
www.ti.com................................................................................................................................................ SLVS714A – FEBRUARY 2007 – REVISED MARCH 2009
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
• Output Discharge Function
• 70-mΩ High-Side MOSFET
• 1-A Continuous Current
• Thermal and Short-Circuit Protection
• Accurate Current Limit
(1.1 A min, 1.9 A max)
• Operating Range: 2.7 V to 5.5 V
The
TPS206x-1
power-distribution
switches
are
• 0.6-ms Typical Rise Time
intended for applications where heavy capacitive
• Undervoltage Lockout
loads and short-circuits are likely to be encountered.
This device incorporates 70-m
Ω N-channel MOSFET
• Deglitched Fault Report (OC)
power switches for power-distribution systems that
• No OC Glitch During Power Up
require multiple power switches in a single package.
• 1-A Maximum Standby Supply Current
Each switch is controlled by a logic enable input.
• Ambient Temperature Range: -40°C to 85°C
Gate drive is provided by an internal charge pump
designed to control the power-switch rise times and
• ESD Protection
fall times to minimize current surges during switching.
The charge pump requires no external components
and allows operation from supplies as low as 2.7 V.
• Heavy Capacitive Loads
These switches provide a discharge function that
• Short-Circuit Protections
provides a controlled discharge of the output voltage
stored on the output capacitor.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. This power-distribution switch is designed to set current limit at 1.5 A
typically.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007–2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2062-1_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2062-1_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com