Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2065-1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2065-1
Descripción Electrónicos  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2065-1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2065-1 Datasheet HTML 7Page - Texas Instruments TPS2065-1 Datasheet HTML 8Page - Texas Instruments TPS2065-1 Datasheet HTML 9Page - Texas Instruments TPS2065-1 Datasheet HTML 10Page - Texas Instruments TPS2065-1 Datasheet HTML 11Page - Texas Instruments TPS2065-1 Datasheet HTML 12Page - Texas Instruments TPS2065-1 Datasheet HTML 13Page - Texas Instruments TPS2065-1 Datasheet HTML 14Page - Texas Instruments TPS2065-1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1.34
1.36
1.38
1.4
1.42
1.44
1.48
1.5
1.52
1.54
1.56
−50
0
50
100
150
1.46
VI = 3.3 V
VI = 5 V
VI = 3.3 V
VI = 5.5 V
TJ − Junction Temperature − 5C
VI = 2.7 V
0
20
40
60
80
100
120
−50
0
50
100
150
Out1 = 5 V
Out1 = 3.3 V
Out1 = 2.7 V
IO = 0.5 A
TJ − Junction Temperature − 5C
2.1
2.14
2.18
2.22
2.26
2.3
−50
0
50
100
150
UVLO Rising
UVLO Falling
TJ − Junction Temperature − 5C
1.5
1.7
1.9
2.1
2.3
2.5
2.5
3
3.5
4
4.5
5
5.5
6
TA = 255C
Load Ramp = 1A/10 ms
VI − Input Voltage − V
TPS2062-1
TPS2065-1
TPS2066-1
www.ti.com................................................................................................................................................ SLVS714A – FEBRUARY 2007 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
SHORT-CIRCUIT OUTPUT CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 18.
Figure 19.
THRESHOLD TRIP CURRENT
UNDERVOLTAGE LOCKOUT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 20.
Figure 21.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2062-1 TPS2065-1 TPS2066-1


Número de pieza similar - TPS2065-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2065-1 TI-TPS2065-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2065-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com