Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3431 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM3431
Descripción Electrónicos  3-Channel Constant Current LED Driver with Integrated Boost Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3431 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3431_14 Datasheet HTML 4Page - Texas Instruments LM3431_14 Datasheet HTML 5Page - Texas Instruments LM3431_14 Datasheet HTML 6Page - Texas Instruments LM3431_14 Datasheet HTML 7Page - Texas Instruments LM3431_14 Datasheet HTML 8Page - Texas Instruments LM3431_14 Datasheet HTML 9Page - Texas Instruments LM3431_14 Datasheet HTML 10Page - Texas Instruments LM3431_14 Datasheet HTML 11Page - Texas Instruments LM3431_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ILED
5 mA/Div
Vcathode
100 mV/Div
REFIN
10 mV/Div
1 Ps/DIV
400 ns/DIV
ILED
50 mA/Div
NDRV (FET)
2V/Div
NDRV (NPN)
1V/Div
DIM
5V/Div
Vout
100 mV/Div
Vsw
20V/Div
ILED
200 mA/Div
400 Ps/DIV
200 Ps/DIV
Vout
200 mV/Div
ILED
5 mA/Div
VIN
5V/Div
0.94
0.96
0.98
1.00
1.02
1.04
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
INPUT VOLTAGE (V)
50
60
70
80
90
100
5
9
13
17
21
100%
dimming duty
10%
50%
LM3431
SNVS547F – NOVEMBER 2007 – REVISED MARCH 2009
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified the following conditions apply: VIN = 12V, TJ = 25°C.
Normalized Switching Frequency
Efficiency vs.
vs. Temperature (700 kHz)
Input Voltage LED Current = 140 mA x 3, LED Vf = 25V
Figure 8.
Figure 9.
Line Transient Response
Dimming Transient Response
Figure 10.
Figure 11.
LED Ripple Current
NDRV Waveforms
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM3431


Número de pieza similar - LM3431_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3431A NSC-LM3431A Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
More results

Descripción similar - LM3431_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com