Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB43AA82AI Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TSB43AA82AI
Descripción Electrónicos  (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43AA82AI Datasheet(HTML) 1 Page - Texas Instruments

  TSB43AA82AI Datasheet HTML 1Page - Texas Instruments TSB43AA82AI Datasheet HTML 2Page - Texas Instruments TSB43AA82AI Datasheet HTML 3Page - Texas Instruments TSB43AA82AI Datasheet HTML 4Page - Texas Instruments TSB43AA82AI Datasheet HTML 5Page - Texas Instruments TSB43AA82AI Datasheet HTML 6Page - Texas Instruments TSB43AA82AI Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.ti.com
FEATURES
DESCRIPTION
TSB43AA82A
TSB43AA82AI
SLLA205 – MAY 2006
(iSphynx II) 1394 Integrated PHY and Link-Layer Controller
for SBP-2 Products and DPP Products
Data Transfers:
IEEE 1394a-2000 Compliant
– Auto Address Increment of Direct/Indirect
Addressing on Data Transfer (Packetizer)
Single 3.3-V Supply
– Automated Header Insert/Strip for DMA
Internal 1.8-V Circuit to Reduce Power
Data Transfers
Consumption
– 8-/16-Bit Asynchronous and Synchronous
Integrated 400-Mbps Two-Port Physical Layer
DMA I/F With Handshake and Burst Mode
(PHY)
– Supports ATAPI (Ultra-DMA) Mode and
Internal Voltage Regulator
SCSI Mode
IEEE 1394 Related Functions:
– 8-/16-Bit Data/Address Multiplex
– Automated Read Response for ConfigROM
Microcontroller and 8-/16-Bit Separated
Register Access
Data/Address Bus
– Automated Single Retry Protocol and Split
– Three FIFO Configurations That Support
Transaction Control
High Performance for the DMA and for
SBP-2 Related Functions:
Command Exchanges
– Supports Four Initiators by Automated
• Asynchronous Command FIFO: 1512
Transactions and More Can Be Supported
Bytes
Through Firmware.
• Config ROM/LOG FIFO: 504 Bytes
– Automated Management ORB Fetching
• DMA FIFO: 4728 Bytes
– Automated Linked Command ORB Fetching
– Automated PageTable Fetching
– Automated Status Block Transmit
Ability to Support Direct Print Protocol (DPP)
Mode
The TSB43AA82A is a high performance 1394 integrated PHY and link layer controller. It is compliant with the
IEEE 1394-1995 and IEEE 1394a-2000 specifications and supports asynchronous transfers.
TSB43AA82A has a generic 16-/8-bit host bus interface. It supports parallel or multiplexed connections to the
microcontroller (MCU) at rates up to 40 MHz.
The TSB43AA82A offers large data transfers with three mutually independent FIFOs: 1) the asynchronous
command FIFO with 1512 Bytes, 2) the DMA FIFO with 4728 bytes and 3) the Config ROM/LOG FIFO with 504
bytes.
The features of the TSB43AA82A support the serial bus protocol 2 (SBP-2). It handles up to four initiators with
the SBP-2 transaction/timer manager. This SBP-2 transaction engine supports fully automated operation request
block (ORB) fetches and fully automated memory page table fetches for both read and write transactions.
Automated responses to other node requests are provided; this includes responding to another node’s read
request to the Config ROM and issuing ack_busy_X for a single retry. Various control registers enable the user
to program IEEE 1394 asynchronous transaction settings. The user can program the number of retries and the
split transaction time-out value by setting the time limit register in the CFR.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TSB43AA82AI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB43AA82AI TI-TSB43AA82AI Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AIPGE TI-TSB43AA82AIPGE Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
More results

Descripción similar - TSB43AA82AI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82GGW TI1-TSB43AA82GGW Datasheet
108Kb / 5P
[Old version datasheet]   (iShynx II) 1394 Integrated PHY and Link-Layer Controller
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB42AA9 TI-TSB42AA9 Datasheet
268Kb / 45P
[Old version datasheet]   STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
logo
Sony Corporation
CXD3220R SONY-CXD3220R Datasheet
655Kb / 65P
   IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com