Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB42AA9APZTG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TSB42AA9APZTG4
Descripción Electrónicos  StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSB42AA9APZTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TSB42AA9APZTG4 Datasheet HTML 1Page - Texas Instruments TSB42AA9APZTG4 Datasheet HTML 2Page - Texas Instruments TSB42AA9APZTG4 Datasheet HTML 3Page - Texas Instruments TSB42AA9APZTG4 Datasheet HTML 4Page - Texas Instruments TSB42AA9APZTG4 Datasheet HTML 5Page - Texas Instruments TSB42AA9APZTG4 Datasheet HTML 6Page - Texas Instruments TSB42AA9APZTG4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-May-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TSB42AA9APZT
ACTIVE
TQFP
PZT
100
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
0 to 70
TSB42AA9APZT
TSB42AA9APZTG4
ACTIVE
TQFP
PZT
100
TBD
Call TI
Call TI
0 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Número de pieza similar - TSB42AA9APZTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
More results

Descripción similar - TSB42AA9APZTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB42AA9 TI-TSB42AA9 Datasheet
268Kb / 45P
[Old version datasheet]   STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
   ATA/ATAPI Controller
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
   ATA/ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com