Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3851NG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC3851NG4
Descripción Electrónicos  All Control, Driving, Monitoring, and Protection Functions Included
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC3851NG4 Datasheet(HTML) 3 Page - Texas Instruments

  UC3851NG4 Datasheet HTML 1Page - Texas Instruments UC3851NG4 Datasheet HTML 2Page - Texas Instruments UC3851NG4 Datasheet HTML 3Page - Texas Instruments UC3851NG4 Datasheet HTML 4Page - Texas Instruments UC3851NG4 Datasheet HTML 5Page - Texas Instruments UC3851NG4 Datasheet HTML 6Page - Texas Instruments UC3851NG4 Datasheet HTML 7Page - Texas Instruments UC3851NG4 Datasheet HTML 8Page - Texas Instruments UC3851NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
UC1851 / UC2851
UC3851
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Ramp Generator
Ramp Current, Minimum
ISENSE =
−10µA
-11
-14
-11
-14
µA
Ramp Current, Maximum
ISENSE = 1.0mA
-0.9
-.95
-0.9
-.95
mA
Ramp Valley
0.3
0.4
0.6
0.3
0.4
0.6
V
Ramp Peak
Clamping Level
3.9
4.2
4.5
3.9
4.2
4.5
V
Error Amplifier
Input Offset Voltage
VCM = 5.0V
0.5
5
2
10
mV
Input Bias Current
0.5
2
1
5
µA
Input Offset Current
0.5
0.5
µA
Open Loop Gain
∆VO = 1 to 3V
60
66
60
66
dB
Output Swing (Max Output
Ramp Peak - 100mV)
Minimum Total Range
0.3
3.5
0.3
3.5
V
CMRR
VCM = 1.5 to 5.5V
70
80
70
80
dB
PSRR
VIN = 8 to 30V
70
80
70
80
dB
Short Circuit Current
VCOMP = 0V
-4
-10
-4
-10
mA
Gain Bandwidth (Note 1)
TJ = 25°C, AVOL = 0dB
1
2
1
2
MHz
Slew Rate (Note 1)
TJ = 25°C, AVCL = 0dB
0.8
0.8
V/
µs
PWM Section
Continuous Duty Cycle Range
(other than zero) (Note 1)
Minimum Total Continuous Range
Ramp Peak < 4.2V
246
2
46
%
Output High Level
ISOURCE = 20mA
18
18.5
18
18.5
V
ISOURCE = 200mA
17
18.5
17
18.5
V
Rise Time (Note 1)
TJ = 25°C, CL = 1nF
50
150
50
150
ns
Fall Time (Note 1)
TJ = 25°C, CL = 1nF
50
150
50
150
ns
Output Saturation
IOUT = 20mA
0.2
0.4
0.2
0.4
V
IOUT = 200mA
1.7
2.2
1.7
2.2
V
Comparator Delay (Note 1)
Pin 8 to Pin 12, TJ = 25°C, RL = 1k
300
500
300
500
ns
Sequencing Functions
Comparator Thresholds
Pins 2, 3, 5
2.8
3.0
3.2
2.8
3.0
3.2
V
Input Bias Current
Pins 3, 5 = 0V
-1.0
-4.0
-1.0
-4.0
µA
Input Leakage
Pins 3, 5 = 10V
0.1
2.0
0.1
2.0
µA
Start/UV Hysteresis Current
Pin 2 = 2.5V
170
200
220
170
200
230
µA
Ext. Stop Threshold
Pin 4
0.8
1.6
2.4
0.8
1.6
2.4
V
Error Latch Activate Current
Pin 4 = 0V, Pin 3 > 3V
-120
-200
-120
-200
µA
Driver Bias Saturation Voltage,
VIN-VOH
IB = -50mA
2
3
2
3
V
Driver Bias Leakage
VB = 0V
-0.1
-10
-0.1
-10
µA
Slow-Start Saturation
IS = 10mA
0.2
0.5
0.2
0.5
V
Slow-Start Leakage
VS = 4.5V
0.1
2.0
0.1
2.0
µA
Current Control
Current Limit Offset
0
5
0
10
mV
Current Shutdown Offset
370
400
430
360
400
440
mV
Input Bias Current
Pin 7 = 0V
-2
-5
-2
-5
µA
Common Mode Range (Note 1)
-0.4
3.0
-0.4
3.0
V
Current Limit Delay (Note 1)
TJ = 25°C, Pin 7 to 12, RL = 1k
200
400
200
400
ns
Note 1:Guaranteed by design. Not 100% tested in production.
UC1851
UC2851
UC3851
Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1851, -40°C to +85°C for the UC2851, and 0°C to 70°C for the UC3851; VIN =
20V, RT = 20k
Ω, CT = .001 mfd, RR = 10kΩ, CR = .001mfd. Current Limit Threshold
= 200mV, TA = TJ.
3


Número de pieza similar - UC3851NG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3851NG4 TI1-UC3851NG4 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results

Descripción similar - UC3851NG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
NLA-PM100D ETC2-NLA-PM100D Datasheet
145Kb / 2P
   Multi-functions Power Monitoring and Control Terminal
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Texas Instruments
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com