Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSL25727 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
TSL25727 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 24 page TSL2572 LIGHT-TO-DIGITAL CONVERTER TAOS132 − MARCH 2012 3 The LUMENOLOGY r Company r r Copyright E 2012, TAOS Inc. www.taosinc.com Terminal Functions TERMINAL TYPE DESCRIPTION NAME NO. TYPE DESCRIPTION GND 3 Power supply ground. All voltages are referenced to GND. INT 5 O Interrupt — open drain (active low). NC 4 Do not connect. SCL 2 I I2C serial clock input terminal — clock signal for I2C serial data. SDA 6 I/O I2C serial data I/O terminal — serial data I/O for I2C . VDD 1 Supply voltage. Available Options DEVICE ADDRESS PACKAGE − LEADS INTERFACE DESCRIPTION ORDERING NUMBER TSL25721 0x39 FN−6 I2C Vbus = VDD Interface TSL25721FN TSL25723 0x39 FN−6 I2C Vbus = 1.8 V Interface TSL25723FN TSL25725† 0x29 FN−6 I2C Vbus = VDD Interface TSL25725FN TSL25727† 0x29 FN−6 I2C Vbus = 1.8 V Interface TSL25727FN † Contact TAOS for availability. Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (Note 1) 3.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input terminal voltage −0.5 V to 3.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output terminal voltage −0.5 V to 3.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output terminal current −1 mA to 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ESD tolerance, human body model 2000 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltages are with respect to GND. Recommended Operating Conditions MIN NOM MAX UNIT Supply voltage, VDD (TSL25721 & TSL25725) (I2C Vbus = VDD) 2.4 3 3.6 V Supply voltage, VDD (TSL25723 & TSL25727) (I2C Vbus = 1.8 V) 2.7 3 3.6 V Operating free-air temperature, TA −30 70 °C |
Número de pieza similar - TSL25727 |
|
Descripción similar - TSL25727 |