Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5A26542 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TS5A26542 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 23 page TS5A26542 www.ti.com SCDS232E – JUNE 2006 – REVISED DECEMBER 2009 ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (1) (continued) V+ = 4.5 V to 5.5 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 5 V 1 12.5 25 VCOM = V+, CL= 35 pF, Turn-on time tON ns RL = 50 Ω, See Figure 18 Full 4.5 V 30 25°C 5 V 1 9.5 20 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns RL = 50 Ω, See Figure 18 Full 4.5 V 25 25°C 5 V 1 5 10 Break-before-make VNC = VNO = V+/2, CL = 35 pF, tBBM ns time RL = 50 Ω, See Figure 19 Full 4.5 V 1 12 VGEN = 0, CL = 1 nF, Charge injection QC 25°C 5 V 15 pC RGEN = 0, See Figure 23 NO VNO = V+ or GND, CNO(OFF) See Figure 17 25°C 5 V 37 pF OFF capacitance Switch OFF, VNC or VNO = V+ or NC, NO CNC(ON), GND, See Figure 17 25°C 5 V 130 pF ON capacitance CNO(ON) Switch ON, COM VCOM = V+ or GND, CCOM(ON) See Figure 17 25°C 5 V 130 pF ON capacitance Switch ON, Digital input CI VI = VIO or GND, See Figure 17 25°C 5 V 6.5 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 20 25°C 5 V 43 MHz Switch ON, RL = 50 Ω, OFF isolation OISO See Figure 21 25°C 5 V –63 dB f = 1 MHz, RL = 50 Ω, Crosstalk XTALK See Figure 22 25°C 5 V –63 dB f = 1 MHz, Total harmonic RL = 600 Ω, f = 20 Hz to 20 kHz, THD 25°C 5 V 0.004 % distortion CL = 50 pF, See Figure 24 Supply 25°C 5.5 100 Positive supply I+ VI = VIO or GND 5.5 V nA current Full 750 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum Copyright © 2006–2009, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TS5A26542 |
Número de pieza similar - TS5A26542 |
|
Descripción similar - TS5A26542 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |