Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5A6542 Datasheet(PDF) 4 Page - Texas Instruments |
|
TS5A6542 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 23 page TS5A6542 SCDS211C – AUGUST 2006 – REVISED DECEMBER 2009 www.ti.com ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (1) V+ = 4.5 V to 5.5 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch VCOM, Analog signal range 0 V+ V VNO 25°C 0.5 0.75 VNO or VNC = 2.5 V, Switch ON, ON-state resistance ron 4.5 V Ω ICOM = –100 mA, See Figure 14 Full 0.8 ON-state resistance 25°C 0.05 0.1 VNO or VNC = 2.5 V, Switch ON, match between Δron 4.5 V Ω ICOM = –100 mA, See Figure 14 Full 0.1 channels 0 ≤ (VNO or VNC) ≤ Switch ON, V+, 25°C 0.1 See Figure 14 ICOM = –100 mA, ON-state resistance ron(flat) 4.5 V Ω flatness VNO or VNC = 1 V, 25°C 0.1 0.25 Switch ON, 1.5 V, 2.5 V, See Figure 14 Full 0.25 ICOM = –100 mA, VNO = 1 V, 4.5 V, 25°C –20 2 20 VCOM = 4.5 V, 1 V, VNC = Open, NO, NC INO(OFF), INC Switch OFF, or 5.5 V nA OFF leakage current (OFF) See Figure 15 Full –100 100 VNC = 1 V, 4.5 V, VCOM = 4.5 V, 1 V, VNO = Open, VNO = 1 V, 4.5 V, 25°C –20 2 20 VCOM, VNC = Open, NC, NO Switch ON, INO(ON) or 5.5 V nA ON leakage current See Figure 16 Full –200 200 VNC = 1 V, 4.5 V, VCOM, VNO = Open, VCOM = 1 V, 4.5 V, 25°C –20 2 20 VNO and VNC = COM Open, ICOM(ON) See Figure 16 5.5 V nA ON leakage current or Full –200 200 VCOM = 1 V, 4.5 V, VNO or VNC = Open, Digital Control Input (IN)(2) 0.65 Input logic high VIH VIO = 1.65 V to 1.95 V Full VIO V × VIO 0.35 Input logic low VIL VIO = 1.65 V to 1.95 V Full 0 V × VIO 25°C –2 2 Input leakage current IIH, IIL VI = VIO or 0 5.5 V nA Full –20 20 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at VIO or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): TS5A6542 |
Número de pieza similar - TS5A6542_14 |
|
Descripción similar - TS5A6542_14 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |