Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM72375 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SM72375
Descripción Electrónicos  SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM72375 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM72375_14 Datasheet HTML 6Page - Texas Instruments SM72375_14 Datasheet HTML 7Page - Texas Instruments SM72375_14 Datasheet HTML 8Page - Texas Instruments SM72375_14 Datasheet HTML 9Page - Texas Instruments SM72375_14 Datasheet HTML 10Page - Texas Instruments SM72375_14 Datasheet HTML 11Page - Texas Instruments SM72375_14 Datasheet HTML 12Page - Texas Instruments SM72375_14 Datasheet HTML 13Page - Texas Instruments SM72375_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SM72375
SNIS155D – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
3.0 OUTPUT SHORT CIRCUIT CURRENT
The SM72375 has short circuit protection of 40 mA. However, it is not designed to withstand continuous short
circuits, transient voltage or current spikes, or shorts to any voltage beyond the supplies. A resistor is series with
the output should reduce the effect of shorts. For outputs which send signals off PC boards additional protection
devices, such as diodes to the supply rails, and varistors may be used.
4.0 HYSTERESIS
If the input signal is very noisy, the comparator output might trip several times as the input signal repeatedly
passes through the threshold. This problem can be addressed by making use of hysteresis as shown below.
Figure 25. Canceling the Effect of Input Capacitance
The capacitor added across the feedback resistor increases the switching speed and provides more short term
hysteresis. This can result in greater noise immunity for the circuit.
Typical Applications
UNIVERSAL LOGIC LEVEL SHIFTER
The output of the SM72375 is the uncommitted drain of the output NMOS transistor. Many drains can be tied
together to provide an output OR'ing function. An output pullup resistor can be connected to any available power
supply voltage within the permitted power supply range.
Figure 26. Universal Logic Level Shifter
The two 1 k
Ω resistors bias the input to half of the power supply voltage. The pull-up resistor should go to the
output logic supply. Due to its wide operating range, the SM72375 is ideal for the logic level shifting applications.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: SM72375


Número de pieza similar - SM72375_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Descripción similar - SM72375_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com