Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N111 Datasheet(PDF) 2 Page - Switchcraft, Inc.

No. de pieza N111
Descripción Electrónicos  1/4 ENCLOSED PHONE JACKS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SWITCH [Switchcraft, Inc.]
Página de inicio  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

N111 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  N111 Datasheet HTML 1Page - Switchcraft, Inc. N111 Datasheet HTML 2Page - Switchcraft, Inc. N111 Datasheet HTML 3Page - Switchcraft, Inc. N111 Datasheet HTML 4Page - Switchcraft, Inc. N111 Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hi-D® Jax 2- and 3-CONDUCTOR
Hi-D Jax® 2- and 3-conductor enclosed phone jacks are ideal for panel/chassis and PC
board mounting. Unitized molded housing protects springs, provides mechanical and
electrical reliability, minimizes leakage and provides low capacity between springs.
Mounts on .625 inch minimum centers in rows or arrays. .25 inch or .21 in inside diameter
bushing types, metal or thermoplastic bushings (for insulated mounting). Insulated Hi-D
Jax® jacks are specifically designed for in-circuit (insulated) mounting from mounting
surface and have fully protected enclosed internal sleeve feature. Solder lugs or PC
terminals may be selected.
MOUNTING
Jacks mount in a single .375 inch diameter hole on .625 inch minimum centers. Series
11*, N11*, NS11* and S11* mount in panels up to .156 inch thick. Series L11* and
NL11* (long bushing) mount in panels up to .25 inch thick. Jacks with PC terminals
mount on PC boards up to .094 inch thick. Formed "shoulders" on each terminal provide
stable stand-off mount. Threaded bushing permits mechanical connection to equipment
panel. Mounting hardware is supplied.
SERIES 11* - 2- and 3-conductor types, threaded metal
bushing .276 inch long. .25 inch inside diameter
bushings.
SERIES L11* - Same as Series 11*, except bushing is .375
inch long for mounting in panels up to .25 inch thick.
SERIES N11* - Same as Series 11*, except bushing is
molded thermoplastic for insulated mounting.
SERIES NL11* - Same as Series N11*, except bushing
is .375 inch long for insulated mounting in panels up to


Número de pieza similar - N111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
N111 HEYCO-N111 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
E-SWITCH
N111195 E-SWITCH-N111195 Datasheet
77Kb / 1P
   PACKAGING: 4,000 PCS PER REEL
N111197 E-SWITCH-N111197 Datasheet
83Kb / 1P
   PACKAGING: 54 PCS TUBE
N111198 E-SWITCH-N111198 Datasheet
103Kb / 1P
   PACKAGING: 4,000 PCS PER REEL
N111199 E-SWITCH-N111199 Datasheet
44Kb / 1P
   Silver Plated Brass
More results

Descripción similar - N111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
   1/4 RIGHT-ANGLE PHONE JACKS
13B SWITCH-13B Datasheet
152Kb / 8P
   COMMERCIAL PHONE JACKS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
   SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
   1/4 FLAT PLUG PHONE PLUGS
RA49C14B SWITCH-RA49C14B Datasheet
177Kb / 1P
   1/4 RIGHT ANGLE JACKS RA SEIRIES
logo
Adam Technologies, Inc.
MTJ-66FX1 ADAM-TECH-MTJ-66FX1 Datasheet
127Kb / 1P
   MODULAR TELEPHONE JACKS TOP ENTRY, ENCLOSED BODY - TYPE F
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
   1/4 Prof. Phone Plugs, X-Series
logo
Neutrik AG
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
   2 pole 1/4" professional phone plug, gold contacts, black shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
   3 pole 1/4" professional phone plug, nickel contacts, black shell
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com