Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N113B Datasheet(PDF) 4 Page - Switchcraft, Inc.

No. de pieza N113B
Descripción Electrónicos  1/4 ENCLOSED PHONE JACKS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SWITCH [Switchcraft, Inc.]
Página de inicio  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

N113B Datasheet(HTML) 4 Page - Switchcraft, Inc.

  N113B Datasheet HTML 1Page - Switchcraft, Inc. N113B Datasheet HTML 2Page - Switchcraft, Inc. N113B Datasheet HTML 3Page - Switchcraft, Inc. N113B Datasheet HTML 4Page - Switchcraft, Inc. N113B Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L112B
-
.375" long bushing
IV
267
N112B
N112BPC
Insulated bushing
IV
267
NL112B
-
.375" long bushing
IV
267
-
S112BPC
.210" inside diameter
bushing
IV
S-267
113B
113BPC
Single closed circuit
VII
267
-
113BPC1M
Single closed circuit
VII
-
L113B
-
.375" long bushing
VII
267
N113B
N113BPC
Insulated bushing
VII
267
NL113B
-
.375" long bushing
VII
267
113F
113FPC
Ring circuit closed
XXVIII
267
114B
114BPC
Double closed circuit
XII
267
114BPC1M
Double closed circuit
XII
-
L114B
L114BPC
.375" long bushing
XII
267
N114B
N114BPC
Insulated bushing
XII
267
NL114B
NL114BPC
.375" long bushing
XII
267
1 Other circuits available; contact factory. Schematics pages 65 and 66.
2 See Plug Section for other options.
3 Two tip springs.
ý Special order only. Contact Switchcraft.
SPECIFYING NOTE:
Unless otherwise shown in "Description", jacks have .276 inch long threaded bushings
with .25 inch inside diameter.
Hi-D Jax® 2- and 3-CONDUCTOR
SPECIFICATIONS
MATERIAL
Mounting Bushing: Series 11*, L11*, S11* - Nickel-plated copper alloy. Series N11*,
NL11*, NS11* - Molded thermoplastic over nickel-plated copper alloy sleeve.
Previous Page | Return to Index | Next Page


Número de pieza similar - N113B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Carling Technologies
N11-B0-24-610-121 CARLINGTECH-N11-B0-24-610-121 Datasheet
1Mb / 10P
   CIRCUIT BREAKER
logo
Heyco.
N110 HEYCO-N110 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Sanken electric
N1106 SANKEN-N1106 Datasheet
138Kb / 5P
   Silicon Diode
logo
Heyco.
N111 HEYCO-N111 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
E-SWITCH
N111195 E-SWITCH-N111195 Datasheet
77Kb / 1P
   PACKAGING: 4,000 PCS PER REEL
More results

Descripción similar - N113B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
   1/4 RIGHT-ANGLE PHONE JACKS
13B SWITCH-13B Datasheet
152Kb / 8P
   COMMERCIAL PHONE JACKS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
   SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
   1/4 FLAT PLUG PHONE PLUGS
RA49C14B SWITCH-RA49C14B Datasheet
177Kb / 1P
   1/4 RIGHT ANGLE JACKS RA SEIRIES
logo
Adam Technologies, Inc.
MTJ-66FX1 ADAM-TECH-MTJ-66FX1 Datasheet
127Kb / 1P
   MODULAR TELEPHONE JACKS TOP ENTRY, ENCLOSED BODY - TYPE F
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
   1/4 Prof. Phone Plugs, X-Series
logo
Neutrik AG
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
   2 pole 1/4" professional phone plug, gold contacts, black shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
   3 pole 1/4" professional phone plug, nickel contacts, black shell
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com