Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS12A12511 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TS12A12511
Descripción Electrónicos  짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS12A12511_14 Datasheet HTML 2Page - Texas Instruments TS12A12511_14 Datasheet HTML 3Page - Texas Instruments TS12A12511_14 Datasheet HTML 4Page - Texas Instruments TS12A12511_14 Datasheet HTML 5Page - Texas Instruments TS12A12511_14 Datasheet HTML 6Page - Texas Instruments TS12A12511_14 Datasheet HTML 7Page - Texas Instruments TS12A12511_14 Datasheet HTML 8Page - Texas Instruments TS12A12511_14 Datasheet HTML 9Page - Texas Instruments TS12A12511_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
5-V Single Supply
V+ = 5 V ± 10%, V= 0 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
TA= 25°C
TA= –40°C to 85°C
PARAMETER
SYMBOL
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Analog Switch
Analog signal range
0
V+
V
VNC =0 V to 4.5 V or VNO = 0 V to
4.5 V,
ON-state resistance
ron
8
10
12.5
ICOM = –10 mA;
see Figure 12
ON-state resistance
VNC =0 V to 4.5 V or VNO = 0 V to
match between
Δron
4.5 V,
1
1.1
1.5
channels
ICOM = –10 mA
VNC =0 V to 4.5 V or VNO = 0 V to
ON-state resistance
ron(flat)
4.5 V,
1.3
1.3
2
flatness
ICOM = –10 mA
Leakage Currents
VNC =0 V to 4.5 V or VNO = 0 V to
INC(OFF),
OFF leakage current
4.5 V,
±0.5
±1
±50
nA
INO(OFF)
VCOM = 0 V to 4.5 V; see Figure 13
VNC = 0 V to 4.5V or VNO = 0 V to
INC(ON),
ON leakage current
4.5 V,
±0.5
±1
±50
nA
INO(ON)
VCOM = open; see Figure 14
Digital Inputs
High-level input voltage
VINH
2.4
V+
V
Low-level input voltage
VINL
0
0.8
V
Input current
IINL, IINH
VIN = VINL or VINH
0.01
±0.1
μA
Digital input capacitance
CIN
2.8
pF
6
Copyright
© 2009–2011, Texas Instruments Incorporated


Número de pieza similar - TS12A12511_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results

Descripción similar - TS12A12511_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DCNR TI1-TS12A12511DCNR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Texas Instruments
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com