Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7401 Datasheet(PDF) 2 Page - C&K Components

No. de pieza 7401
Descripción Electrónicos  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7401 Datasheet(HTML) 2 Page - C&K Components

  7401 Datasheet HTML 1Page - C&K Components 7401 Datasheet HTML 2Page - C&K Components 7401 Datasheet HTML 3Page - C&K Components 7401 Datasheet HTML 4Page - C&K Components 7401 Datasheet HTML 5Page - C&K Components 7401 Datasheet HTML 6Page - C&K Components 7401 Datasheet HTML 7Page - C&K Components 7401 Datasheet HTML 8Page - C&K Components 7401 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
G
G–5
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
7000 Series
Miniature Rocker & Lever Handle Switches
SWITCH FUNCTION
DPDT
2-1,5-4
N/A
OPEN
N/A
2-3,5-4
2-3,5-6
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
ON
ON
ON
ON
ON
MOM.
MOM.
ON
MOM.
U21
U23
U25
U27
U28
U211*
U213*
U215*
7201
7203
7205
7207
7208
7211*
7213*
7215*
DP
SPDT
2-1
2-1
N/A
OPEN
N/A
2-3
2-3
N/A
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
NONE
ON
MOM.
U11
U13
U15
U17
U18
U19
7101
7103
7105
7107
7108
7109
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
UL**
MODEL
NO.
MODEL NO.
NO.
POLES
C&K marking on opposite side
C&K marking on opposite side
Terminal Nos.
For Reference Only
Terminal Nos.
For Reference Only
DPDT
SPDT
Part number shown: 7101J1ZQE2
Part number shown: 7201J1ZQE2
* Wiring for 3-way switch, see Section N.
MOM. = Momentary
** U11 through U413 model nos.
with all options when ordered with G, Q, R or S contact material.


Número de pieza similar - 7401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
7401 NSC-7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
List of Unclassifed Man...
74010 ETC2-74010 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
Myrra
74010 MYRRA-74010 Datasheet
98Kb / 1P
   FLYBACK TRANSFORMER
logo
Belden Inc.
74010E BELDEN-74010E Datasheet
172Kb / 3P
   DataTuff® 6A, 4PR #22 Sol BC, PO ins, S/FTP, PVC jkt, PROFINET Type A,AWM 20726
2022 Belden, Inc
74010E.00100 BELDEN-74010E.00100 Datasheet
172Kb / 3P
   DataTuff® 6A, 4PR #22 Sol BC, PO ins, S/FTP, PVC jkt, PROFINET Type A,AWM 20726
2022 Belden, Inc
More results

Descripción similar - 7401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com