Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM103 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza FM103
Descripción Electrónicos  1.0A Surface Mount Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM103 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM103 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM103 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical data
Case : Molded plastic, SOD-123
FL
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0
1gram
Maximum ratings
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
èJA
C
J
T
STG
A
A
uA
OC/W
OC
pF
1.0
30
5.0
+175
-65
42
O
V
= V
T = 25 C
R
RRM
A
O
V
= V
T = 100 C
R
RRM
A
Junction to ambient
15
100
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Tiny plastic SMD package.
High current capability.
Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
FM101
FM102
FM103
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
V
F
(V)
*4
FM104
FM105
400
600
280
420
1.30
-55 to +150
FM106
FM107
800
1000
560
700
T
RR
(nS)
*5
150
250
500
50
100
200
400
600
800
1000
O
(C)
Operating
temperature
T,
J
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
FM101 - FM107
1.0A Surface Mount Fast Recovery Rectifiers
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters


Número de pieza similar - FM103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
FM103 LUGUANG-FM103 Datasheet
184Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Formosa MS
FM1030 FORMOSA-FM1030 Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1030-T FORMOSA-FM1030-T Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM1030-T1 PACELEADER-FM1030-T1 Datasheet
256Kb / 2P
   SILICON EPITAXIAL PLANCE TYPE
logo
Chenmko Enterprise Co. ...
FM103SPT CHENMKO-FM103SPT Datasheet
108Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Descripción similar - FM103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
FFM101 TGS-FFM101 Datasheet
162Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FM101 LUGUANG-FM101 Datasheet
184Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM105 LUGUANG-FM105 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM101 LUGUANG-FM101 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM102 LUGUANG-FM102 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM104 LUGUANG-FM104 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM106 LUGUANG-FM106 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Foster Semicon...
FFM101AG FOSTER-FFM101AG Datasheet
1Mb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers-50-1000V
logo
PACELEADER INDUSTRIAL
PFFM101-M PACELEADER-PFFM101-M Datasheet
537Kb / 3P
   1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com