Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC1543QDBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC1543QDBR
Descripción Electrónicos   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC1543QDBR Datasheet HTML 4Page - Texas Instruments TLC1543QDBR Datasheet HTML 5Page - Texas Instruments TLC1543QDBR Datasheet HTML 6Page - Texas Instruments TLC1543QDBR Datasheet HTML 7Page - Texas Instruments TLC1543QDBR Datasheet HTML 8Page - Texas Instruments TLC1543QDBR Datasheet HTML 9Page - Texas Instruments TLC1543QDBR Datasheet HTML 10Page - Texas Instruments TLC1543QDBR Datasheet HTML 11Page - Texas Instruments TLC1543QDBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VCC, see (2)
Supply voltage range
-0.5 V to 6.5 V
VI
Input voltage range
-0.3 V to VCC + 0.3 V
VO
Output voltage range
-0.3 V to VCC + 0.3 V
Vref+
Positive reference voltage
VCC + 0.1 V
Vref-
Negative reference voltage
-0.1 V
Peak input current (any input)
±20 mA
Peak total input current (all inputs)
±30 mA
TLC1542C, TLC1543C
0
°C to 70°C
TLC1542I, TLC1543I
-40
°C to 85°C
TA
Operating free-air temperature range
TLC1542Q, TLC1543Q
-40
°C to 125°C
TLC1542M
-55
°C to 125°C
Tstg
Storage temperature range,
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to digital ground with REF- and GND wired together (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
Vref+, see(1)
Positive reference voltage
VCC
V
Vref-, see (1)
Negative reference voltage
0
V
VCC+0.
Vref+-Vref-, see (1)
Differential reference voltage
2.5
VCC
V
2
Analog input voltage ,see (1)
0
VCC
V
VIH
High-level control input voltage
VCC = 4.5 V to 5.5 V
2
V
VIL
Low-level control input voltage
VCC = 4.5 V to 5.5 V
0.8
V
Setup time, address bits at data input before I/O
tsu(A), see Figure 4
100
ns
CLOCK
th(A), see Figure 4
Hold time, address bits after I/O CLOCK
0
ns
th(CS), see Figure 5
Hold time, CS low after last I/O CLOCK
0
ns
tsu(CS), see (2) and
Setup time, CS low before clocking in first
1.425
µs
Figure 5
address bit
Clock frequency at I/O CLOCK, see (3)
0
2.1
MHz
twH(I/O)
Pulse duration, I/O CLOCK high,
190
ns
twL(I/O)
Pulse duration, I/O CLOCK low,
190
ns
tt(I/O), see (4) and
Transition time, I/O CLOCK,
1
µs
Figure 6
tt(CS)
Transition time, ADDRESS and CS,
10
µs
(1)
Analog input voltages greater than that applied to REF+ convert as all ones (1111111111), while input voltages less than that applied to
REF- convert as all zeros (0000000000). The device is functional with reference voltages down to 1 V (Vref+ - Vref-); however, the
electrical specifications are no longer applicable.
(2)
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time plus two falling edges of the internal system clock
after CS
↓ before responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS
setup time has elapsed.
(3)
For 11- to 16-bit transfers, after the tenth I/O CLOCK falling edge (
≤ 2 V) at least 1 I/O CLOCK rising edge (≥ 2 V) must occur within 9.5
µs.
(4)
This is the time required for the clock input signal to fall from VIHmin to VILmax or to rise from VILmax to VIHmin. In the vicinity of normal
room temperature, the devices function with input clock transition time as slow as 1
µs for remote data-acquisition applications where
the sensor and the A/D converter are placed several feet away from the controlling microprocessor.
8
Submit Documentation Feedback


Número de pieza similar - TLC1543QDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC1543QDBR TI1-TLC1543QDBR Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDBRG4 TI1-TLC1543QDBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Descripción similar - TLC1543QDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com