Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC541IFNRG3 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TLC541IFNRG3
Descripción Electrónicos  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC541IFNRG3 Datasheet(HTML) 5 Page - Texas Instruments

  TLC541IFNRG3 Datasheet HTML 1Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 2Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 3Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 4Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 5Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 6Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 7Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 8Page - Texas Instruments TLC541IFNRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065B – OCTOBER 1983 – REVISED JUNE 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating temperature range, VCC = Vref+ = 4.75 V to
5.5 V, fclock(I/O) = 2.048 MHz for TLC540 or fclock(I/O) = 1.1 MHz for TLC541 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage, DATA OUT
VCC = 4.75 V,
IOH = 360 µA
2.4
V
VOL
Low-level output voltage
VCC = 4.75 V, IOL = 1.6 mA
0.4
V
IOZ
Off state (high impedance state) output current
VO = VCC,
CS at VCC
10
µA
IOZ
Off-state (high-impedance state) output current
VO = 0,
CS at VCC
– 10
µA
IIH
High-level input current
VI =VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0
– 0.005
– 2.5
µA
ICC
Operating supply current
CS at 0 V
1.2
2.5
mA
Selected channel leakage current
Selected channel at VCC,
Unselected channel at 0 V
0.4
1
µA
Selected channel leakage current
Selected channel at 0 V,
Unselected channel at VCC
– 0.4
– 1
µA
ICC + Iref Supply and reference current
Vref+ = VCC,
CS at 0 V
1.3
3
mA
Ci
Input capacitance
Analog inputs
7
55
pF
Ci
Input capacitance
Control inputs
5
15
pF
† All typical values are at TA = 25°C.


Número de pieza similar - TLC541IFNRG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC541IFN TI-TLC541IFN Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Descripción similar - TLC541IFNRG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com