Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC0831CCWMXNOPB Datasheet(PDF) 3 Page - Texas Instruments |
|
ADC0831CCWMXNOPB Datasheet(HTML) 3 Page - Texas Instruments |
3 / 41 page ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N www.ti.com SNAS531B – AUGUST 1999 – REVISED MARCH 2013 Absolute Maximum Ratings (1) (2) (3) Current into V+(4) 15 mA Supply Voltage, VCC (4) 6.5V Logic Inputs −0.3V to VCC + 0.3V Voltage Analog Inputs −0.3V to VCC + 0.3V Pin(5) ±5 mA Input Current per Package ±20 mA Storage Temperature −65°C to +150°C Package Dissipation at TA = 25°C (Board Mount) 0.8W Lead Temperature (Soldering 10 sec.) PDIP Package 260°C Vapor Phase (60 sec.) 215°C PLCC Package Infrared (15 sec.) 220°C ESD Susceptibility(6) 2000V (1) All voltages are measured with respect to the ground plugs. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its specified operating conditions. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (4) Internal zener diodes (6.3 to 8.5V) are connected from V+ to GND and VCC to GND. The zener at V+ can operate as a shunt regulator and is connected to VCC via a conventional diode. Since the zener voltage equals the A/D's breakdown voltage, the diode insures that VCC will be below breakdown when the device is powered from V+. Functionality is therefore ensured for V+ operation even though the resultant voltage at VCC may exceed the specified Absolute Max of 6.5V. It is recommended that a resistor be used to limit the max current into V+. (See Figure 24 in Functional Description) (5) When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V − or V IN > V +) the absolute value of current at that pin should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply boundaries with a 5 mA current limit to four. (6) Human body model, 100 pF discharged through a 1.5 k Ω resistor. Operating Ratings (1) (2) Supply Voltage, VCC 4.5 VDC to 6.3 VDC ADC0832/8CIWM ADC0834BCN, ADC0838BCV, −40°C to +85°C ADC0831/2/4/8CCN, ADC0838CCV Temperature Range (TMIN ≤ TA ≤ TMAX) ADC0831/2/4/8CCWM 0°C to +70°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its specified operating conditions. (2) All voltages are measured with respect to the ground plugs. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N |
Número de pieza similar - ADC0831CCWMXNOPB |
|
Descripción similar - ADC0831CCWMXNOPB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |