Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZW04-14 Datasheet(PDF) 3 Page - General Semiconductor |
|
BZW04-14 Datasheet(HTML) 3 Page - General Semiconductor |
3 / 4 page ELECTRICAL CHARACTERISTICS at (TA=25°C unless otherwise noted) TABLE 1 (Cont’d) Maximum Breakdown Voltage Maximum Peak Pulse Maximum Maximum V(BR) Stand-off Reverse Current Clamping Temperature Volts (NOTE 1) Test Voltage Leakage IPPM Voltage at Coefficient Current VWM at VWM (Amps) IPPM of V(BR) Device Type MIN MAX at IT (Volts) ID ( µA) (NOTE 2) VC (Volts) (% / C) (mA) (NOTE4) BZW04P53 58.9 68.2 1.0 53.0 5.0 4.7 85.0 0.104 BZW04-53 58.9 65.1 1.0 53.0 5.0 4.7 85.0 0.104 BZW04P58 64.6 74.8 1.0 58.1 5.0 4.3 92.0 0.104 BZW04-58 64.6 71.4 1.0 58.1 5.0 4.3 92.0 0.104 BZW04P64 71.3 82.5 1.0 64.1 5.0 3.9 103 0.105 BZW04-64 71.3 78.8 1.0 64.1 5.0 3.9 103 0.105 BZW04P70 77.9 90.2 1.0 70.1 5.0 3.5 113 0.105 BZW04-70 77.9 86.1 1.0 70.1 5.0 3.5 113 0.105 BZW04P78 86.5 100 1.0 78.0 5.0 3.2 125 0.105 BZW04-78 86.5 95.5 1.0 78.0 5.0 3.2 125 0.105 BZW04P85 95.0 110 1.0 85.5 5.0 2.9 137 0.106 BZW04-85 95.0 105 1.0 85.5 5.0 2.9 137 0.106 BZW04P94 105 121 1.0 94.0 5.0 2.6 152 0.107 BZW04-94 105 116 1.0 94.0 5.0 2.6 152 0.107 BZW04P102 114 132 1.0 102 5.0 2.4 165 0.107 BZW04-102 114 126 1.0 102 5.0 2.4 165 0.107 BZW04P110 124 143 1.0 111 5.0 2.2 179 0.107 BZW04-110 124 137 1.0 111 5.0 2.2 179 0.107 BZW04P128 143 165 1.0 128 5.0 2.0 207 0.108 BZW04-128 143 158 1.0 128 5.0 2.0 207 0.108 BZW04P136 152 176 1.0 136 5.0 1.8 219 0.108 BZW404-136 152 168 1.0 136 5.0 1.8 219 0.108 BZW04P145 161 187 1.0 145 5.0 1.7 234 0.108 BZW04-145 161 179 1.0 145 5.0 1.7 234 0.108 BZW04P154 171 198 1.0 154 5.0 1.6 246 0.108 BZW04-154 171 189 1.0 154 5.0 1.6 246 0.108 BZW04P171 190 220 1.0 171 5.0 1.5 274 0.108 BZW04-171 190 210 1.0 171 5.0 1.5 274 0.108 BZW04P188 209 242 1.0 188 5.0 1.4 301 0.108 BZW04-188 209 231 1.0 188 5.0 1.4 301 0.108 BZW04P213 237 275 1.0 213 5.0 1.5 344 0.110 BZW04-213 237 263 1.0 213 5.0 1.5 344 0.110 BZW04P239 266 308 1.0 239 5.0 1.5 384 0.110 BZW04-239 266 294 1.0 239 5.0 1.5 384 0.110 BZW04P256 285 330 1.0 256 5.0 1.2 414 0.110 BZW04-256 285 315 1.0 256 5.0 1.2 414 0.110 BZW04P273 304 352 1.0 273 5.0 1.2 438 0.110 BZW04-273 304 336 1.0 273 5.0 1.2 438 0.110 BZW04P299 332 385 1.0 299 5.0 0.90 482 0.110 BZW04-299 332 368 1.0 299 5.0 0.90 482 0.110 BZW04P342 380 440 1.0 342 5.0 0.90 548 0.110 BZW04-342 380 420 1.0 342 5.0 0.90 548 0.110 BZW04P376 418 484 1.0 376 5.0 0.80 603 0.110 BZW04-376 418 462 1.0 376 5.0 0.80 603 0.110 NOTES: (1) V(BR) measured after IT applied for 300 µs IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 (4) For bi-directional devices with VWM of 10 Volts and less, the ID limit is doubled |
Número de pieza similar - BZW04-14 |
|
Descripción similar - BZW04-14 |