Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10064 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADC10064
Descripción Electrónicos  ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10064 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC10064 Datasheet HTML 2Page - Texas Instruments ADC10064 Datasheet HTML 3Page - Texas Instruments ADC10064 Datasheet HTML 4Page - Texas Instruments ADC10064 Datasheet HTML 5Page - Texas Instruments ADC10064 Datasheet HTML 6Page - Texas Instruments ADC10064 Datasheet HTML 7Page - Texas Instruments ADC10064 Datasheet HTML 8Page - Texas Instruments ADC10064 Datasheet HTML 9Page - Texas Instruments ADC10064 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADC10061, ADC10062, ADC10064
SNAS069E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics (continued)
The following specifications apply for V
+ = +5V, t
r = tf = 20 ns, VREF(+) = 5V, VREF(
−) = GND, and Speed Adjust pin unconnected
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limit(2)
(Limit)
RSA = ∞
850
1400
ns (max)
tCRD
Mode 2 Conversion Time
Mode 2, RSA = 18k
530
ns
Access Time (Delay from Falling Edge of
tACC1
Mode 1; CL = 100 pF
30
60
ns (max)
RD to Output Valid)
Access Time (Delay from Falling Edge of
tACC2
Mode 2; CL = 100 pF
900
tCRD + 50
ns (max)
RD to Output Valid)
tSH
Minimum Sample Time(3)
Figure 4(2)
250
ns (max)
TRI-STATE Control (Delay from Rising
t1H, t0H
RL = 1k, CL = 10 pF
30
60
ns (max)
Edge of RD to High-Z State)
Delay from Rising Edge of RD to Rising
tINTH
CL = 100 pF
25
50
ns (max)
Edge of INT
Delay from End of Conversion to Next
tP
50
ns (max)
Conversion
tMS
Multiplexer Control Setup Time
10
75
ns (max)
tMH
Multiplexer Hold Time
10
40
ns (max)
CVIN
Analog Input Capacitance
35
pF (max)
COUT
Logic Output Capacitance
5
pF (max)
CIN
Logic Input Capacitance
5
pF (max)
(3)
Accuracy may degrade if tSH is shorter than the value specified. See curves of Accuracy vs. tSH.
TRI-STATE Test Circuits and Waveforms
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10061 ADC10062 ADC10064


Número de pieza similar - ADC10064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10064 TI1-ADC10064 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
ADC10064 TI1-ADC10064 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10064CIWM NSC-ADC10064CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Descripción similar - ADC10064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com