Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX79-F36 Datasheet(PDF) 3 Page - General Semiconductor

No. de pieza BZX79-F36
Descripción Electrónicos  SILICON PLANAR ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GE [General Semiconductor]
Página de inicio  http://www.vishay.com
Logo GE - General Semiconductor

BZX79-F36 Datasheet(HTML) 3 Page - General Semiconductor

  BZX79-F36 Datasheet HTML 1Page - General Semiconductor BZX79-F36 Datasheet HTML 2Page - General Semiconductor BZX79-F36 Datasheet HTML 3Page - General Semiconductor BZX79-F36 Datasheet HTML 4Page - General Semiconductor BZX79-F36 Datasheet HTML 5Page - General Semiconductor BZX79-F36 Datasheet HTML 6Page - General Semiconductor BZX79-F36 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZX79 – C2V4
2.20
2.60
BZX79 – C2V7
2.50
2.90
BZX79 – C3V0
2.80
3.20
BZX79 – C3V3
3.10
3.50
BZX79 – C3V6
3.40
3.80
BZX79 – C3V9
3.70
4.10
BZX79 – C4V3
4.00
4.60
BZX79 – C4V7
4.40
5.00
BZX79 – C5V1
4.80
5.40
BZX79 – C5V6
5.20
6.00
BZX79 – C6V2
5.80
6.60
BZX79 – C6V8
6.40
7.20
BZX79 – C7V5
7.00
7.90
BZX79 – C8V2
7.70
8.70
BZX79 – C9V1
8.50
9.60
BZX79 – C10
9.40
10.60
BZX79 – C11
10.40
11.60
BZX79 – C12
11.40
12.70
BZX79 – C13
12.40
14.10
BZX79 – C15
13.80
15.60
BZX79 – C16
15.30
17.10
BZX79 – C18
16.80
19.10
BZX79 – C20
18.80
21.20
BZX79 – C22
20.80
23.30
BZX79 – C24
22.80
25.60
BZX79 – C27
25.10
28.90(3)
BZX79 – C30
28.00
32.00(3)
BZX79 – C33
31.00
35.00(3)
BZX79 – C36
34.00
38.00(3)
BZX79 – C39
37.00
41.00(3)
BZX79 – C43
40.00
46.00(3)
BZX79 – C47
44.00
50.00(3)
BZX79 – C51
48.00
54.00(3)
BZX79 – C56
52.00
60.00(3)
BZX79 – C62
58.00
66.00(3)
BZX79 – C68
64.00
72.00(3)
BZX79 – C75
70.00
79.00(3)
BZX79 – F2V4
2.33
2.47
BZX79 – F2V7
2.62
2.78
BZX79 – F3V0
2.91
3.09
BZX79 – F3V3
3.20
3.40
BZX79 – F3V6
3.49
3.71
BZX79 – F3V9
3.78
4.02
BZX79 – F4V3
4.17
4.43
BZX79 – F4V7
4.56
4.84
BZX79 – F5V1
4.95
5.25
BZX79 – F5V6
5.43
5.77
BZX79 – F6V2
6.01
6.39
BZX79 – F6V8
6.60
7.00
BZX79 – F7V5
7.28
7.72
BZX79 – F8V2
7.95
8.45
BZX79 – F9V1
8.83
9.37
BZX79 – F10
9.70
10.30
BZX79 – F11
10.67
11.33
BZX79 – F12
11.64
12.36
BZX79 – F13
12.61
13.39
BZX79 – F15
14.55
15.45
BZX79 – F16
15.50
16.50
BZX79 – F18
17.50
18.50
BZX79 – F20
19.40
20.60
BZX79 – F22
21.30
22.70
BZX79 – F24
23.30
24.70
BZX79 – F27
26.20
27.80(3)
BZX79 – F30
29.10
30.90(3)
BZX79 – F33
32.00
34.00(3)
BZX79 – F36
34.90
37.10(3)
BZX79 – F39
37.80
40.20(3)
BZX79 – F43
41.70
44.30(3)
BZX79 – F47
45.60
48.40(3)
BZX79 – F51
49.50
52.50(3)
BZX79 – F56
54.30
57.70(3)
BZX79 – F62
60.10
63.90(3)
BZX79 – F68
66.00
70.00(3)
BZX79 – F75
72.80
77.20(3)
BZX79 B2V4
2.35
2.45
BZX79 B2V7
2.65
2.75
BZX79B3V0
2.94
3.06
BZX79B3V3
3.23
3.37
BZX79 B3V6
3.53
3.67
BZX79B3V9
3.82
3.98
BZX79B4V3
4.21
4.39
BZX79B4V7
4.61
4.79
BZX79B5V1
5.00
5.20
BZX79 B5V6
5.49
5.71
BZX79B6V2
6.08
6.32
BZX79B6V8
6.66
6.94
BZX79B7V5
7.35
7.65
BZX79B8V2
8.04
8.36
BZX79B9V1
8.92
9.28
BZX79B10
9.80
10.20
BZX79B11
10.80
11.20
BZX79B12
11.80
12.20
BZX79B13
12.70
13.30
BZX79B15
14.70
15.30
BZX79B16
15.70
16.30
BZX79B18
17.60
18.40
BZX79B20
19.60
20.40
BZX79B22
21.60
22.40
BZX79B24
23.50
24.50
BZX79B27
26.50
27.50(3)
BZX79B30
29.40
30.60(3)
BZX79B33
32.30
33.70(3))
BZX79B36
35.30
36.70(3)
BZX79B39
38.20
39.80(3)
BZX79B43
42.10
43.90(3)
BZX79B47
46.10
47.90(3)
BZX79B51
50.00
52.00(3)
BZX79B56
54.90
57.10(3)
BZX79B62
60.80
63.20(3)
BZX79B68
66.60
69.40(3)
BZX79B75
73.50
76.50(3)
BZX79 SERIES
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
±5% Tol.
min.
max.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
±3% Tol.
min.
max.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
±2% Tol.
min.
max.
See BZX79-y table for all characteristics other than zener voltage range.


Número de pieza similar - BZX79-F36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
BZX79-F36 GOOD-ARK-BZX79-F36 Datasheet
320Kb / 7P
   Zener Diodes
logo
Silicon Standard Corp.
BZX79-F36 SSC-BZX79-F36 Datasheet
455Kb / 7P
   ZENER DIODES
More results

Descripción similar - BZX79-F36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com