Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC08100 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADC08100
Descripción Electrónicos  ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08100 Datasheet(HTML) 4 Page - Texas Instruments

  ADC08100_14 Datasheet HTML 1Page - Texas Instruments ADC08100_14 Datasheet HTML 2Page - Texas Instruments ADC08100_14 Datasheet HTML 3Page - Texas Instruments ADC08100_14 Datasheet HTML 4Page - Texas Instruments ADC08100_14 Datasheet HTML 5Page - Texas Instruments ADC08100_14 Datasheet HTML 6Page - Texas Instruments ADC08100_14 Datasheet HTML 7Page - Texas Instruments ADC08100_14 Datasheet HTML 8Page - Texas Instruments ADC08100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADC08100
SNAS060I – JUNE 2000 – REVISED MAY 2013
www.ti.com
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+2.7V to +3.6V
Driver Supply Voltage (DR VD)
+2.4V to VA
Ground Difference |GND - DR GND|
0V to 300 mV
Upper Reference Voltage (VRT)
1.0V to (VA + 0.1V)
Lower Reference Voltage (VRB)
0V to (VRT − 1.0V)
VIN Voltage Range
VRB to VRT
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see
Converter Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = AGND = DR GND = 0V, unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08100


Número de pieza similar - ADC08100_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Descripción similar - ADC08100_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com