Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC108S022 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC108S022
Descripción Electrónicos  ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC108S022 Datasheet(HTML) 1 Page - Texas Instruments

  ADC108S022 Datasheet HTML 1Page - Texas Instruments ADC108S022 Datasheet HTML 2Page - Texas Instruments ADC108S022 Datasheet HTML 3Page - Texas Instruments ADC108S022 Datasheet HTML 4Page - Texas Instruments ADC108S022 Datasheet HTML 5Page - Texas Instruments ADC108S022 Datasheet HTML 6Page - Texas Instruments ADC108S022 Datasheet HTML 7Page - Texas Instruments ADC108S022 Datasheet HTML 8Page - Texas Instruments ADC108S022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC108S022
ADC108S022
www.ti.com
SNAS338F – SEPTEMBER 2005 – REVISED MARCH 2013
ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
Check for Samples: ADC108S022
1
FEATURES
DESCRIPTION
The ADC108S022 is a low-power, eight-channel
2
Eight Input Channels
CMOS 10-bit analog-to-digital converter specified for
Variable Power Management
conversion throughput rates of 50 ksps to 200 ksps.
Independent Analog and Digital Supplies
The
converter
is
based
on
a
successive-
approximation register architecture with an internal
SPI/QSPI/MICROWIRE/DSP compatible
track-and-hold circuit. It can be configured to accept
Packaged in 16-Lead TSSOP
up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
APPLICATIONS
compatible with several standards, such as SPI,
Automotive Navigation
QSPI, MICROWIRE, and many common DSP serial
Portable Systems
interfaces.
Medical Instruments
The ADC108S022 may be operated with independent
Mobile Communications
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
Instrumentation and Control Systems
supply (VD) can range from +2.7V to VA. Normal
power consumption using a +3V or +5V supply is 1.1
KEY SPECIFICATIONS
mW and 6.4 mW, respectively. The power-down
Conversion Rate 50 ksps to 200 ksps
feature reduces the power consumption to 0.09 µW
using a +3V supply and 0.3 µW using a +5V supply.
DNL (VA = VD = 2.7V to 5.25V) ±0.3 LSB (max)
The ADC108S022 is packaged in a 16-lead TSSOP
INL (VA = VD = 2.7V to 5.25V) ±0.3 LSB (max)
package. Operation over the extended industrial
Power Consumption
temperature range of
−40°C to +105°C is ensured.
3V Supply 1.1 mW (typ)
5V Supply 6.4 mW (typ)
Connection Diagram
Figure 1. Package Number PW
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADC108S022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022CIMT/NOPB TI1-ADC108S022CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMTX NSC-ADC108S022CIMTX Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

Descripción similar - ADC108S022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com