Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10D020CIVS Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADC10D020CIVS
Descripción Electrónicos  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVS Datasheet(HTML) 1 Page - Texas Instruments

  ADC10D020CIVS Datasheet HTML 1Page - Texas Instruments ADC10D020CIVS Datasheet HTML 2Page - Texas Instruments ADC10D020CIVS Datasheet HTML 3Page - Texas Instruments ADC10D020CIVS Datasheet HTML 4Page - Texas Instruments ADC10D020CIVS Datasheet HTML 5Page - Texas Instruments ADC10D020CIVS Datasheet HTML 6Page - Texas Instruments ADC10D020CIVS Datasheet HTML 7Page - Texas Instruments ADC10D020CIVS Datasheet HTML 8Page - Texas Instruments ADC10D020CIVS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
ADC10D020
www.ti.com
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Check for Samples: ADC10D020
1
FEATURES
DESCRIPTION
The
ADC10D020
is
a
dual
low
power,
high
2
Internal Sample-and-Hold
performance CMOS analog-to-digital converter that
Internal Reference Capability
digitizes signals to 10 bits resolution at sampling
Dual Gain Settings
rates up to 30 MSPS while consuming a typical 150
mW from a single 3.0V supply. No missing codes is
Offset Correction
ensured over the full operating temperature range.
Selectable Offset Binary or 2's Complement
The unique two stage architecture achieves 9.5
Output
Effective Bits over the entire Nyquist band at 20 MHz
Multiplexed or Parallel Output Bus
sample rate. An output formatting choice of offset
binary or 2's complement coding and a choice of two
Single +2.7V to 3.6V Operation
gain settings eases the interface to many systems.
Power Down and Standby Modes
Also allowing great flexibility of use is a selectable 10-
bit multiplexed or 20-bit parallel output mode. An
APPLICATIONS
offset correction feature minimizes the offset error.
Digital Video
To ease interfacing to most low voltage systems, the
CCD Imaging
digital output power pins of the ADC10D020 can be
tied to a separate supply voltage of 1.5V to 3.6V,
Portable Instrumentation
making the outputs compatible with other low voltage
Communications
systems. When not converting, power consumption
Medical Imaging
can be reduced by pulling the PD (Power Down) pin
high, placing the converter into a low power state
Ultrasound
where it typically consumes less than 1 mW and from
which recovery is less than 1 ms. Bringing the STBY
KEY SPECIFICATIONS
(Standby) pin high places the converter into a
Resolution 10 Bits
standby mode where power consumption is about 27
mW and from which recovery is 800 ns.
Conversion Rate 20 MSPS
ENOB 9.5 Bits (typ)
The ADC10D020's speed, resolution and single
supply operation makes it well suited for a variety of
DNL 0.35 LSB (typ)
applications,
including
high
speed
portable
Conversion Latency Parallel Outputs 2.5 Clock
applications.
Cycles
Operating over the industrial (
−40° ≤ TA ≤ +85°C)
Multiplexed Outputs, I Data Bus 2.5 Clock
temperature range, the ADC10D020 is available in a
Cycles
48-pin TQFP package. An evaluation board is
Multiplexed Outputs, Q Data Bus 3 Clock
available to ease the design effort.
Cycles
PSRR 90 dB
Power Consumption—Normal Operation 150
mW (typ)
Power Down Mode <1 mW (typ)
Fast Recovery Standby Mode 27 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADC10D020CIVS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10D020CIVS NSC-ADC10D020CIVS Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX/NOPB TI1-ADC10D020CIVSX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Descripción similar - ADC10D020CIVS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com