Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25M02 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CAT25M02
Descripción Electrónicos  2 Mb SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT25M02 Datasheet HTML 3Page - ON Semiconductor CAT25M02 Datasheet HTML 4Page - ON Semiconductor CAT25M02 Datasheet HTML 5Page - ON Semiconductor CAT25M02 Datasheet HTML 6Page - ON Semiconductor CAT25M02 Datasheet HTML 7Page - ON Semiconductor CAT25M02 Datasheet HTML 8Page - ON Semiconductor CAT25M02 Datasheet HTML 9Page - ON Semiconductor CAT25M02 Datasheet HTML 10Page - ON Semiconductor CAT25M02 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT25M02
http://onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 24−bit address
and a data byte as shown in Figure 5. Only 18 significant
address bits are used by the CAT25M02. The rest are don’t
care bits, as shown in Table 10. Internal programming will
start after the low to high CS transition. During an internal
write cycle, all commands, except for RDSR (Read Status
Register) will be ignored. The RDY bit will indicate if the
internal write cycle is in progress (RDY high), or the device
is ready to accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25M02, the
host may continue sending data, up to a total of 256 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previoualy loaded data.
Following completion of the write cycle, the CAT25M02 is
automatically returned to the write disable state.
Write Identification Page
The additional 256-byte Identification Page (IP) can be
written with user data using the same Write commands
sequence as used for Page Write to the main memory array
(Figure 6). The IPL bit from the Status Register must be set
(IPL = 1) using the WRSR instruction, before attempting
to write to the IP. Prior to any write to the Identification
Page, the Write Enable Latch must be set (WEL=1) by
sending the WREN instruction.
The address bits [A23:A8] are Don’t Care and the
[A7:A0] bits define the byte address within the
Identification Page. In addition, the Byte Address must point
to a location outside the protected area defined by the BP1,
BP0 bits from the Status Register. When the full memory
array is write protected (BP1, BP0 = 1,1), the write
instruction to the IP is not accepted and not executed.
Also, the write to the IP is not accepted if the LIP bit from
the Status Register is set to 1 (the page is locked in Read-only
mode).
Table 10. BYTE ADDRESS
Device
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulses
Main Memory Array
A17 − A0
A23 – A18
24
Identification Page
A7 − A0
A23 – A8
24
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
00
00
10
D7 D6 D5 D4 D3 D2 D1 D0
0
1
2
3
4
5
6
7
8
29 30 313233 34 35363738 39
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
Note: Dashed Line = mode (1, 1)
* Please check the Byte Address Table (Table 10)
CS
AN
A0
SCK
SI
SO
00
0
0
00
1
0
BYTEADDRESS*
Data
Byte 1
012345678
29 30 31 32−39 40−47
Data
Byte 2
Data Byte N
OPCODE
7..1
0
32+(N−1)x8−1....32+(N−1)x8
32+Nx8−1
DATA IN
HIGH IMPEDANCE
Note: Dashed Line = mode (1, 1)
Figure 6. Page WRITE Timing
* Please check the Byte Address Table (Table 10)
CS
AN
A0


Número de pieza similar - CAT25M02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02 ONSEMI-CAT25M02 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02DTR ONSEMI-CAT25M02DTR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
More results

Descripción similar - CAT25M02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com