Nombre de pieza
         Descripción
MMBD914

 SMALL SIGNAL SWITCHING DIODE ( 1 Page)


GE
100% 
Zoom Out Zoom In
   
 1 page
background image
MMBD914
SMALL SIGNAL SWITCHING DIODE
FEATURES
♦ Silicon Epitaxial Planar Diode
♦ Fast switching diode in case SOT-23,
especially suited for automatic insertion.
MECHANICAL DATA
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
Marking Code: 5D
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Maximum Average Recticified Current
Io
200
mA
Maximum Power Dissipation at Tamb = 25°C
Ptot
225
mW
Maximum Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
Maximum Forward Voltage Drop at 1F = 10 mA
VF
1.0
V
Maximum Reverse Current at VR = 20V
IR
25
nA
VR = 75 V
5.0
µA
Max. Reverse Recovery Time at IF = IR = 10mA, VR = 6V
trr
4.0
ns
RL = 100Ω to Irr = 1 mA
Maximum Capacitance at VR=0, f=1.0 MHZ
Ctot
4.0
pF
12/11/98
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
SOT-23
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MMBD7000DUAL SMALL SIGNAL SWITCHING DIODE 1 2 General Semiconductor
1N4151W-VSmall Signal Fast Switching Diode 1 2 3 4 5 MoreVishay Siliconix
1N4148SMALL SIGNAL SWITCHING DIODE 1 2 3 Shanghai Lunsure Electronic Tech
1N4151SMALL SIGNAL SWITCHING DIODE 1 2 3 Shanghai Lunsure Electronic Tech
1N4448SMALL SIGNAL SWITCHING DIODE 1 2 3 Shanghai Lunsure Electronic Tech
1N914THRU1N4454SMALL SIGNAL SWITCHING DIODE 1 Shanghai Lunsure Electronic Tech
LL4148SMALL SIGNAL SWITCHING DIODE 1 2 3 Shanghai Lunsure Electronic Tech
LL4151SMALL SIGNAL SWITCHING DIODE 1 2 3 Shanghai Lunsure Electronic Tech
LL4448SMALL SIGNAL SWITCHING DIODE 1 2 3 Shanghai Lunsure Electronic Tech
BAT60JSMALL SIGNAL SCHOTTKY DIODE 1 2 3 4 5 STMicroelectronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl