Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

742692003 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 742692003
Descripción Electrónicos  WE-TMSB Tiny Multilayer Suppression Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742692003 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742692003 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2014-06-05
2014-01-21
2014-01-02
2013-05-02
DATE
SSt
SSt
SSt
SSt
BY
SSt
MHB
SSt
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TMSB Tiny Multilayer Suppression
Bead
Order.- No.
742692003
SIZE
A4
Size: 0201
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the component surface, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the ferrite body and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the ferrite body and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the ferrite body could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• Wave soldering is only allowed after evaluation and approval.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
guaranteed.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TMSB
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 742692003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
742692001 WURTH-742692001 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression bead
742692002 WURTH-742692002 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692004 WURTH-742692004 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692005 WURTH-742692005 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
More results

Descripción similar - 742692003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
742692001 WURTH-742692001 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression bead
742692002 WURTH-742692002 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692005 WURTH-742692005 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692004 WURTH-742692004 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
74269241102 WURTH-74269241102 Datasheet
626Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
74269242261 WURTH-74269242261 Datasheet
711Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
7426926222 WURTH-7426926222 Datasheet
480Kb / 6P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
74269244182 WURTH-74269244182 Datasheet
605Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
74269243461 WURTH-74269243461 Datasheet
687Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269241601 WURTH-74269241601 Datasheet
626Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com