Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1302-079LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

No. de pieza SMP1302-079LF
Descripción Electrónicos  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-079LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SMP1302-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 10Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 11Page - Skyworks Solutions Inc. SMP1302-079LF Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
WWW.SKYWORKSINC.COM
New products indicated in
blue, bold are continually being introduced at Skyworks. For the latest information, please visit the new products section of our Web site at www.skyworksinc.com.
Power Management
Low Drop-Out (LDO) Linear Regulator
Table 9. low drop-Out (ldO) linear regulator
Part
Number
Function
V
IN
(V)
typ. I
Q
(µA)
Max. I
Out
(mA)
Package
(mm)
AAT3221
Ultra Low IQ LDO
V
OUT –5.5
1.1
150
SOT-23 5L 2.85 x 2.8
SC70JW 8L 2.2 x 2.0
Display and Lighting
white lEd driver
Table 10. Serial Boost white lEd Backlight driver
Part
Number
Number
of LEDs
LED
Channels
LED(s)
per/Ch
Min.
V
IN
(V)
Max.
V
IN
(V)
Interface
typ.
I
Q
(µA)
Peak
Efficiency
Current
Accuracy
(%)
Current
Matching
(%)
Max. I
Out
per/Ch
(mA)
Package
(mm)
AAT1401
6
1
6
2.7
5.5
S2Cwire™,
Filtered PWM
0.43
85%
±10%
N/A
31
WLCSP 10L
1.545 x 1.145 x 0.62
AAT1403
10
1
10
2.7
5.5
S2Cwire™,
Filtered PWM
0.43
81%
±10%
N/A
31
WLCSP 10L
1.545 x 1.145 x 0.62
Table 7. Step up Converter
Part
Number
Function
V
Out
(V)
typ. I
Q
(µA)
I
Out
(mA)
Package
(mm)
AAT1219
Step Up Converter
2.4 to V
OUT +0.25
58
1200
TDFN33 12L 3 x 3
Table 8. Step down Converter
Part Number
Min. V
IN
(V)
Max. V
IN
(V)
Min. V
Out
(V)
Max. V
Out
(V)
I
Out
(mA)
f
OSC
(kHz)
typ. I
Q
(µA)
Package
(mm)
AAT2114A
2.7
5.5
1
VIN
2500
3000
70
QFN 16L 3 x 3
AAT2138
2.7
5.5
3
V
IN
2500
2800
90
TDFN 14L 3 x 3 x 0.75
SKY87201-11
2.7
5.5
0.6
VIN
600
2000
37
SC70JW 8L 2 x 2.1
SKY87608
4.5
28
0.9
0.8*V
IN
3000
450
1600
SOP-8L 5 x 6 x 1.55
POwEr MAnAgEMEnT (COnTInuEd)
Voltage Regulation–DC/DC Converters (Switching Regulators)


Número de pieza similar - SMP1302-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1302-079LF SKYWORKS-SMP1302-079LF Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

Descripción similar - SMP1302-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com