Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72345-DRAIS Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza ST72345-DRAIS
Descripción Electrónicos  Raisonances complete, low-cost starter kits for STM8 and ST7
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345-DRAIS Datasheet(HTML) 3 Page - STMicroelectronics

  ST72345-DRAIS Datasheet HTML 1Page - STMicroelectronics ST72345-DRAIS Datasheet HTML 2Page - STMicroelectronics ST72345-DRAIS Datasheet HTML 3Page - STMicroelectronics ST72345-DRAIS Datasheet HTML 4Page - STMicroelectronics ST72345-DRAIS Datasheet HTML 5Page - STMicroelectronics ST72345-DRAIS Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STM8-SK/RAIS STM8-D/RAIS ST7-SK/RAIS ST7-D/RAIS
REva starter kits
Doc ID 11271 Rev 6
3/6
REva starter kits
REva boards can be purchased in the starter kit format, as shown in Table 1.
REva standalone daughterboards are also available independently from
STMicroelectronics, as shown in Table 2.
Table 1.
Raisonance starter kits for the STM8 and ST7
Starter kit
(order code)
Daughterboard
ID marking
Additional features(1)
MCU family
supported
MCU device
MCU
package
STM8/128-SK/RAIS
STM8S105
STM8S103/5
STM8S105C6
LQFP48
STM8S208RB
STM8S207/8
STM8S208RB
LQFP64
STM8S903
STM8S903
STM8S903K3
LQFP32
ST7FLITE-SK/RAIS
ST7LITEU0
ST7Ultralite0
ST7FLITEU0
DIP16
ST7LITE0
ST7FLITE0
ST7FLITE09Y0
SO16
ST7LITE1B
ST7FLIT1xB
ST7FLIT19BF1
SO20
ST7LITE3
ST7FLITE3
ST7FLITE39F2
SO20
ST7232X-SK/RAIS
ST72321B
ST72321
ST72F321BAR9 LQFP64
ST72325
ST72324/5
ST72F325AR9
LQFP64
ST72F34X-SK/RAIS
ST72345
ST7234x
ST72F345C4
LQFP48
ST72264
ST7226x
ST72F264G2
S028
ST2F36X-SK/RAIS
ST72361
ST72361
ST7256X
ST72F361AR9
LQFP64
ST2F63B-SK/RAIS
ST7263B
Clock source selection jumper
USB mini-B connector
24 MHz oscillator
ST7260
ST7263B
ST72F63BH6
LQFP48
1.
All kits have a clock source selection jumper, and an oscillator footprint unless stated otherwise.


Número de pieza similar - ST72345-DRAIS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72345 STMICROELECTRONICS-ST72345 Datasheet
3Mb / 191P
   8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
ST72345C4 STMICROELECTRONICS-ST72345C4 Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
ST72345xx STMICROELECTRONICS-ST72345xx Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
More results

Descripción similar - ST72345-DRAIS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
ST7-STICK STMICROELECTRONICS-ST7-STICK Datasheet
75Kb / 2P
   Low Cost, In-Circuit Programmer for ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
ST7-DVP3 STMICROELECTRONICS-ST7-DVP3 Datasheet
152Kb / 3P
   Low Cost, Real Time Emulator Series for ST7
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
STMicroelectronics
SN260-2SK STMICROELECTRONICS-SN260-2SK Datasheet
82Kb / 6P
   Low-cost REva starter kits for incorporation of ZigBee짰 connectivity in microcontroller applications
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com