Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTBL2410-G-A Datasheet(PDF) 5 Page - Marktech Corporate

No. de pieza MTBL2410-G-A
Descripción Electrónicos  SIDE VIEW LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTBL2410-G-A Datasheet(HTML) 5 Page - Marktech Corporate

  MTBL2410-G-A Datasheet HTML 1Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 2Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 3Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 4Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MTBL2410-G-A
1.9x9.2mm
SIDE VIEW LAMP
REV.: 01 Date : 2005/12/07 Page: 4/4
PRECAUTION IN USE
Storage
Recommended storage environment
Temperature:
5oC ~ 30oC (41oF ~ 86oF)
Humidity:
60% RH Max.
Use within 3 days after opening of sealed vapor/ESD barrier bags.
Fold the opened bag firmly and keep in dry environment.
Soldering
Reflow So ldering
Hand Soldering
Lead Solder
Lead – free Solder
Pre-heat
120~150℃
180~200℃
Temperature
350℃ Max
Pre-heat time
120sec Max
120sec Max
Soldering time
3sec Max
Peak temperature
240℃ Max
260℃ Max
(one
time
only)
Soldering time
10sec Max
10sec Max
Condition
refer to
refer to
Temperature-
Temperature-
profile 1
profile 2
*After reflow soldering rapid cooling should be avoided.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
1 : Lead Solder>
2 : Lead-free Solder>


Número de pieza similar - MTBL2410-G-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
MTBL2410-G-A MARKTECH-MTBL2410-G-A Datasheet
178Kb / 3P
   Standard LEDs
MTBL2410-G-A MARKTECH-MTBL2410-G-A_15 Datasheet
244Kb / 5P
   SIDE VIEW LAMP
More results

Descripción similar - MTBL2410-G-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
MTBL2410-G-A MARKTECH-MTBL2410-G-A_15 Datasheet
244Kb / 5P
   SIDE VIEW LAMP
logo
AUK corp
SA4433 AUK-SA4433 Datasheet
201Kb / 3P
   Side View LED Lamp
SM4433 AUK-SM4433 Datasheet
170Kb / 3P
   Side View LED Lamp
SY4433 AUK-SY4433 Datasheet
213Kb / 3P
   Side View LED Lamp
logo
List of Unclassifed Man...
L02B9219N4M ETC2-L02B9219N4M Datasheet
61Kb / 1P
   1.9 x 9.2 mm SIDE VIEW LAMP
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
logo
Marktech Corporate
MTBL8818-BL MARKTECH-MTBL8818-BL Datasheet
94Kb / 1P
   Marktech Side View Lamp Type 135 x 24mm Backlighter
MTBL8421-BL MARKTECH-MTBL8421-BL Datasheet
222Kb / 1P
   Marktech Side View Lamp Type 63.0 x 37.0mm Backlighter
logo
Kingbright Corporation
AA9219 KINGBRIGHT-AA9219 Datasheet
238Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_2 Datasheet
236Kb / 4P
   9.2mmX1.9mm SIDE VIEW
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com