Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA555DTF Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza KA555DTF
Descripción Electrónicos  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555DTF Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA555DTF Datasheet HTML 2Page - Fairchild Semiconductor KA555DTF Datasheet HTML 3Page - Fairchild Semiconductor KA555DTF Datasheet HTML 4Page - Fairchild Semiconductor KA555DTF Datasheet HTML 5Page - Fairchild Semiconductor KA555DTF Datasheet HTML 6Page - Fairchild Semiconductor KA555DTF Datasheet HTML 7Page - Fairchild Semiconductor KA555DTF Datasheet HTML 8Page - Fairchild Semiconductor KA555DTF Datasheet HTML 9Page - Fairchild Semiconductor KA555DTF Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
KA555
KA555
KA555
KA555
6
6
6
6
An astable timer operation is achieved by adding resistor RB to Figure 1 and configuring as shown on Figure 5. In the astable
operation, the trigger terminal and the threshold terminal are connected so that a self-trigger is formed, operating as a multi
vibrator. When the timer output is high, its internal discharging Tr. turns off and the VC1 increases by exponential
function with the time constant (RA+RB)*C.
When the VC1, or the threshold voltage, reaches 2Vcc/3, the comparator output on the trigger terminal becomes high,
resetting the F/F and causing the timer output to become low. This in turn turns on the discharging Tr. and the C1 discharges
through the discharging channel formed by RB and the discharging Tr. When the VC1 falls below Vcc/3, the comparator
output on the trigger terminal becomes high and the timer output becomes high again. The discharging Tr. turns off and the
VC1 rises again.
In the above process, the section where the timer output is high is the time it takes for the VC1 to rise from Vcc/3 to 2Vcc/3,
and the section where the timer output is low is the time it takes for the VC1 to drop from 2Vcc/3 to Vcc/3. When timer output
is high, the equivalent circuit for charging capacitor C1 is as follows
:
Since the duration of the timer output high state(tH) is the amount of time it takes for the VC1(t) to reach 2Vcc/3,
Figure 7. Waveforms of Astable Operation
Figure 7. Waveforms of Astable Operation
Figure 7. Waveforms of Astable Operation
Figure 7. Waveforms of Astable Operation
Vcc
R
A
R
B
C1
Vc1(0-)=Vcc/3
C
1
dv
C1
dt
−−−−−−−−−
V
CC
V0-
()
R
A
R
B
+
−−−−−−−−−−−−−−−−−−−−
=
1
()
V
C1
0+
()
V
CC
3
=
2
()
V
C1
t
()
V
CC
1
2
3
−−e
-
t
R
A
R
B
+
()C1
−−−−−−−−−−−−−−−−−−−−−−




=
3
()


Número de pieza similar - KA555DTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

Descripción similar - KA555DTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com