Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC088S052 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza ADC088S052
Descripción Electrónicos  ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S052 Datasheet(HTML) 2 Page - Texas Instruments

  ADC088S052_14 Datasheet HTML 1Page - Texas Instruments ADC088S052_14 Datasheet HTML 2Page - Texas Instruments ADC088S052_14 Datasheet HTML 3Page - Texas Instruments ADC088S052_14 Datasheet HTML 4Page - Texas Instruments ADC088S052_14 Datasheet HTML 5Page - Texas Instruments ADC088S052_14 Datasheet HTML 6Page - Texas Instruments ADC088S052_14 Datasheet HTML 7Page - Texas Instruments ADC088S052_14 Datasheet HTML 8Page - Texas Instruments ADC088S052_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IN0
IN7
MUX
T/H
ADC088S052
SCLK
VA
AGND
DGND
VD
CS
DIN
DOUT
CONTROL
LOGIC
8-BIT
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
AGND
ADC088S052
SNAS340F – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
4 - 11
IN0 to IN7
Analog inputs. These signals can range from 0V to VREF.
DIGITAL I/O
Digital clock input. The specified performance range of frequencies
16
SCLK
for this input is 3.2 MHz to 8 MHz. This clock directly controls the
conversion and readout processes.
Digital data output. The output samples are clocked out of this pin on
15
DOUT
the falling edges of the SCLK pin.
Digital data input. The ADC088S052's Control Register is loaded
14
DIN
through this pin on rising edges of the SCLK pin.
Chip select. On the falling edge of CS, a conversion process begins.
1
CS
Conversions continue as long as CS is held low.
POWER SUPPLY
Positive analog supply pin. This voltage is also used as the
reference voltage. This pin should be connected to a quiet +2.7V to
2
VA
+5.25V source and bypassed to GND with 1 µF and 0.1 µF
monolithic ceramic capacitors located within 1 cm of the power pin.
Positive digital supply pin. This pin should be connected to a +2.7V
13
VD
to VA supply, and bypassed to GND with a 0.1 µF monolithic ceramic
capacitor located within 1 cm of the power pin.
3
AGND
The ground return for the analog supply and signals.
12
DGND
The ground return for the digital supply and signals.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC088S052


Número de pieza similar - ADC088S052_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC088S052CIMT NSC-ADC088S052CIMT Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052CIMTX NSC-ADC088S052CIMTX Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052EVAL NSC-ADC088S052EVAL Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
More results

Descripción similar - ADC088S052_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com