Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC104S101CIMM Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADC104S101CIMM
Descripción Electrónicos  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC104S101CIMM Datasheet(HTML) 4 Page - Texas Instruments

  ADC104S101CIMM Datasheet HTML 1Page - Texas Instruments ADC104S101CIMM Datasheet HTML 2Page - Texas Instruments ADC104S101CIMM Datasheet HTML 3Page - Texas Instruments ADC104S101CIMM Datasheet HTML 4Page - Texas Instruments ADC104S101CIMM Datasheet HTML 5Page - Texas Instruments ADC104S101CIMM Datasheet HTML 6Page - Texas Instruments ADC104S101CIMM Datasheet HTML 7Page - Texas Instruments ADC104S101CIMM Datasheet HTML 8Page - Texas Instruments ADC104S101CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADC104S101
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
ADC104S101 Converter Electrical Characteristics
(1)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 8 MHz to 16 MHz,
fSAMPLE = 500 ksps to 1 Msps, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Parameter
Test Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
+0.4
+0.7
LSB (max)
INL
Integral Non-Linearity
−0.1
−0.5
LSB (min)
+0.26
+0.6
LSB (max)
DNL
Differential Non-Linearity
−0.16
−0.6
LSB (min)
VOFF
Offset Error
+0.19
±0.6
LSB (max)
OEM
Channel to Channel Offset Error Match
0.02
±0.6
LSB (max)
FSE
Full Scale Error
−0.15
±0.7
LSB (max)
FSEM
Channel to Channel Full Scale Error Match
0.02
±0.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7V to 5.25V
SINAD
Signal-to-Noise Plus Distortion Ratio
61.6
61
dB (min)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
SNR
Signal-to-Noise Ratio
61.7
61.3
dB (min)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
THD
Total Harmonic Distortion
−82
−72
dB (max)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
SFDR
Spurious-Free Dynamic Range
83
75
dB (min)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7V to 5.25V
ENOB
Effective Number of Bits
9.9
9.8
Bits (min)
fIN = 40.3 kHz, −0.02 dBFS
Channel-to-Channel Crosstalk
VA = +5.25V, fIN = 40.3 kHz
−78
dB
Intermodulation Distortion, Second Order
VA = +5.25V
−82
dB
Terms
fa = 40.161 kHz, fb = 41.015 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−81
dB
Terms
fa = 40.161 kHz, fb = 41.015 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VIL
Input Low Voltage
0.8
V (max)
IIN
Input Current
VIN = 0V or VA
±0.2
±10
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
(1)
Min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC104S101


Número de pieza similar - ADC104S101CIMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101CIMM/NOPB TI-ADC104S101CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101CIMMX/NOPB TI-ADC104S101CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Descripción similar - ADC104S101CIMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com