Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L7901-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

No. de pieza L7901-01
Descripción Electrónicos  100kV MICROFOCUS X-RAY SOURCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7901-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L7901-01 Datasheet HTML 1Page - Hamamatsu Corporation L7901-01 Datasheet HTML 2Page - Hamamatsu Corporation L7901-01 Datasheet HTML 3Page - Hamamatsu Corporation L7901-01 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEW
100 kV
MICROFOCUS X-RAY SOURCE
L7901-01
FEATURES
APPLICATIONS
G Focal Spot Size: 5 µm (at 4 W)
Providing 5
µm focal spot size, for the sealed-off type X-ray
source with built-in power supply. It gives a clear clair-
voyance image despite of higher magnification ratio.
G Easy Handling
Convenient handling (with no high voltage wiring) since the
air cooled X-ray source and the high voltage power supply
are in one package.
G Continuous Operation
It allows continuous maximum output, 100kV and 100
µA,
operation.
G Built-in External Control Function
It is automatically operable from external control since it
has a built-in RS-232C interface.
G X-ray Non-destructive Test
• Printed Circuits
• Electronic Components
• Semiconductor Devices
• Ceramics
• Soldered Parts
• Rubbers
• Combinated Materials
• Plastics
• New materials
• Die casting
G Multilayer Printed Circuit Board
X-ray Inspection•Drilling Instrument
G Industrial On-line Process Control
and Measurement
G Industrial X-ray Computer
Tomography System


Número de pieza similar - L7901-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L7900 STMICROELECTRONICS-L7900 Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
L7900 STMICROELECTRONICS-L7900_07 Datasheet
379Kb / 24P
   Negative voltage regulators
More results

Descripción similar - L7901-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
L8601-01 HAMAMATSU-L8601-01 Datasheet
514Kb / 4P
   90KV MICROFOCUS X-RAY SOURCE
L8121-01 HAMAMATSU-L8121-01 Datasheet
181Kb / 4P
   150kV MICROFOCUS X-RAY SOURCE
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
   110 kV MICROFOCUS X-RAY SOURCE
L10951 HAMAMATSU-L10951_15 Datasheet
665Kb / 4P
   110 kV MICROFOCUS X-RAY SOURCE
L10101 HAMAMATSU-L10101_15 Datasheet
730Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
L9421-02 HAMAMATSU-L9421-02_15 Datasheet
284Kb / 4P
   90 kV MICROFOCUS X-RAY SOURCE
L6622-01 HAMAMATSU-L6622-01 Datasheet
620Kb / 4P
   130 KV MICROFOCUS X-RAY SOURCE
L12161-07 HAMAMATSU-L12161-07_15 Datasheet
672Kb / 4P
   150 kV MICROFOCUS X-RAY SOURCE
L10321 HAMAMATSU-L10321_15 Datasheet
692Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
L9181-02 HAMAMATSU-L9181-02_15 Datasheet
670Kb / 4P
   130 kV MICROFOCUS X-RAY SOURCE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com