Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

90-248 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza 90-248
Descripción Electrónicos  2 POLE DEFINITE PURPOSE CONTACTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

90-248 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  90-248 Datasheet HTML 1Page - List of Unclassifed Manufacturers 90-248 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
09A
2 POLE DEFINITE PURPOSE
CONTACTORS (30A THRU 40A)
90-244 THRU 90-249 WR/RBM TYPE 122
Designed for Air Conditioning and Heating Equipment
SPECIFICATIONS
Insulating Material . . . . . . . . . . . . . . . . . . Contact block and carrier are high quality
electrical-grade thermosetting resin
Temperature Range . . . . . . . . . . . . . . . . . –40°F to 50°F
Mechanical Life. . . . . . . . . . . . . . . . . . . . . Conforms to UL and ARI specifications
Electrical Life . . . . . . . . . . . . . . . . . . . . . . Conforms to UL and ARI specifications
Weight (approximate) . . . . . . . . . . . . . . . . 9.5 oz.
Agency . . . . . . . . . . . . . . . . . . . . . . . . . . . U.L. file number E12139
Coils Frequency . . . . . . . . . . . . . . . . . . . . 50/60 Hz
Coil Insulation. . . . . . . . . . . . . . . . . . . . . . Class B (30°C)
Termination. . . . . . . . . . . . . . . . . . . . . . . . Pressure Connectors and Double /4” Q.C.
Operate. . . . . . . . . . . . . . . . . . . . . . . . . . . 85% of nominal coil voltage;
0% maximum safe operate
Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Model Number
Voltage
Res DC
Current
Nominal
Max. Inrush
* 30 Amp
** 40 Amp
AC
OHMS
MA
VA
VA
90-244
90-247
24

250
6
32
90-245
90-248
20
224
50
6
32
90-246
90-249
208/240
997
25
6
32
Approximate Overall Dimensions
3/4” x 2” x 25/8
COIL DATA
Type
Voltage
FLA
LRA
RES
90-244
277
30
50
40
thru
480
30
75
40
90-246
600
30
50
40
90-247
277
40
200
50
thru
480
40
00
50
90-249
600
40
80
50
CONTACT RATINGS
FEATURES
• Low VA coil for cooler operation and increased life.
• Quiet operation.
• Universal style mounting bracket fits existing mounting holes.
• Double break contacts ensure positive make and break.
• Screw terminals or pressure connectors and double /4” quick connects provided
on all models for easy installation.
2.445
2.610
2.313
1.625
2.000
.875
1.625
.215
TYP. 4
40 Amp Model
(with cover)
* 30 amp models have no cover on top as in line drawing below
** 40 amp models have cover on top as in picture above
30 Amp Model (No Cover)


Número de pieza similar - 90-248

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
90-24 COILCRAFT-90-24 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

Descripción similar - 90-248

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
logo
Tyco Electronics
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
Schneider Electric
8910DP42V04 SCHNEIDER-8910DP42V04_V01 Datasheet
119Kb / 2P
   Contactor, Definite Purpose, 40A, 2 pole, 277 VAC 60 Hz coil, open
May 23, 2022
logo
Tyco Electronics
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
List of Unclassifed Man...
1TXD00001C0201-2 ETC-1TXD00001C0201-2 Datasheet
5Mb / 80P
   A.., AF.., 3-pole Contactors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com