Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART1200LCD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza SMART1200LCD
Descripción Electrónicos  Smart LCD 1200VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200LCD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART1200LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
3-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
CT120
Instant-Read- AC Outlet Circuit Tester
1
DCATV
Network Surge Suppressor - Essential protection for TV/VCR coaxial lines
1
DNET1
Network Surge Suppressor - Essential protection for data and communication lines
1
DTEL2
Network Surge Suppressor - Essential protection for data and communication lines
1
U022-010
10-ft. USB2.0 A/B Gold Device Cable
(A Male to B Male)
1
WATCHDOGSW
WatchDog Service Monitoring / Reboot Software
1
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/SMART1200LCD.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5


Número de pieza similar - SMART1200LCD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results

Descripción similar - SMART1200LCD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
   Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
   Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
logo
List of Unclassifed Man...
OMNI900LCD ETC2-OMNI900LCD Datasheet
507Kb / 6P
   Omni LCD 900VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com