Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART1500RMXL2UA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SMART1500RMXL2UA
Descripción Electrónicos  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500RMXL2UA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SMART1500RMXL2UA Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RBC93-2U
2U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
1
PDUB15
Dual source Power Distribution Unit / PDU with Manual Transfer Switch enables Hot-swappable
UPS Replacement in Critical Network Applications
1
PDU1215
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUNV
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUV15
Safe, reliable power distribution for critical networking equipment
1
PDUMH15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMV15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMH15AT
Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching
1
PDUMNH15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMNV15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMH15ATNET
Switched, Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching,
individual outlet control and remote network interface
1
PDUMV15NET
Switched, Metered PDU with Remote Monitoring - 0U Vertical Rackmount Power Distribution Unit
for Networks with Individually Switchable Outlets, Current Metering, Remote Monitoring and Control
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-010
10-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P010-012
12-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P022-001
1-ft. 18AWG Power Extension cord
(NEMA 5-15R to NEMA 5-15P)
1
P023-001
1-ft. 14AWG Power Adapter cord
(NEMA L5-15R to NEMA 5-15P)
1
P034-010
10-ft. 14AWG Heavy Duty Power cord
( IEC-320-C19 to NEMA 5-15P)
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/SMART1500RMXL2UA.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
6 / 6


Número de pieza similar - SMART1500RMXL2UA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
More results

Descripción similar - SMART1500RMXL2UA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART2200RMXL2U ETC2-SMART2200RMXL2U Datasheet
514Kb / 7P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMX1500XLRT2UN TRIPPLITE-SMX1500XLRT2UN Datasheet
181Kb / 6P
   SmartPro 230V 1500VA 1350W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com