Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART2200RMXL2U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza SMART2200RMXL2U
Descripción Electrónicos  SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMART2200RMXL2U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART2200RMXL2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART2200RMXL2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART2200RMXL2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART2200RMXL2U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART2200RMXL2U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART2200RMXL2U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART2200RMXL2U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Installation form factors supported
with included accessories
4 post 19 inch rackmount
Included mounting accessory
description
Adjustable mounting rail kit included
Installation form factors supported
with optional accessories
2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND)
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3.46 x 17.32 x 19.29
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
8.8 x 44 x 49
Rack Height
2U
Secondary form factor
Tower (requires 2-9USTAND)
UPS / Power Module weight (lbs)
57.6
UPS / Power Module weight (kg)
26.2
UPS Shipping dimensions (height x
width x depth / inches)
9.1 x 22.44 x 24.2
UPS Shipping dimensions (height x
width x depth / cm)
23 x 57 x 61.5
Shipping weight (lbs)
68.8
Shipping weight (kg)
31.2
Cooling method
Fan
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
306
AC mode efficiency rating (100%
load)
96%
COMMUNICATIONS
Communications interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
4 / 6


Número de pieza similar - SMART2200RMXL2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Descripción similar - SMART2200RMXL2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2200SLT ETC2-SMART2200SLT Datasheet
509Kb / 6P
   SmartPro 2.2kVA Line Interactive Sine Wave UPS
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMX2200XLRT2UN TRIPPLITE-SMX2200XLRT2UN Datasheet
181Kb / 6P
   SmartPro 230V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com