Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART2200SLT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza SMART2200SLT
Descripción Electrónicos  SmartPro 2.2kVA Line Interactive Sine Wave UPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMART2200SLT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART2200SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART2200SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART2200SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART2200SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART2200SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART2200SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Cooling method
Fan
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
286.3
Battery mode BTU / hr. (full load)
885.6
AC mode efficiency rating (100%
load)
95%
Audible Noise
Audible Noise < 50 dBA at Front Side 1 Meter
COMMUNICATIONS
Communications interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
83
High voltage transfer to battery
power (setpoint)
145
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
4 / 5


Número de pieza similar - SMART2200SLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
More results

Descripción similar - SMART2200SLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMART2200RMXL2U ETC2-SMART2200RMXL2U Datasheet
514Kb / 7P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
logo
Tripp Lite. All Rights ...
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com