Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1978 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SD1978
Descripción Electrónicos  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1978 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD1978 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1978 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1978 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1978 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1978 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1978 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1978
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
120
V
Collector to emitter voltage
V
CEO
120
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
1.5
A
Collector peak current
ic
(peak)
3.0
A
Collector power dissipation
P
C
0.9
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
E to C diode forward current
I
D
1.5
A
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
120
V
I
C = 0.1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
120
V
I
C = 10 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
7—
V
I
E = 50 mA, IC = 0
Collector cutoff current
I
CBO
1.0
µAV
CB = 100 V, IE = 0
I
CEO
——
10
µAV
CE = 100 V, RBE = ∞
DC current transfer ratio
h
FE
2000
30000
V
CE = 3 V, IC = 1 A*
1
Collector to emitter saturation
voltage
V
CE(sat)1
1.5
V
I
C = 1 A, IB = 1 mA*
1
V
CE(sat)2
2.0
V
I
C = 1.5 A, IB = 1.5 mA*
1
Base to emitter saturation
voltage
V
BE(sat)1
2.0
V
I
C = 1 A, IB = 1 mA*
1
V
BE(sat)2
2.5
V
I
C = 1.5 A, IB = 1.5 mA*
1
E to C diode forward voltage
V
D
3.0
V
I
D = 1.5 A*
1
Note:
1. Pulse test


Número de pieza similar - 2SD1978

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978TZ RENESAS-2SD1978TZ Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results

Descripción similar - 2SD1978

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com