Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL28EB742 Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza SL28EB742
Descripción Electrónicos  EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB742 Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28EB742 Datasheet HTML 1Page - Silicon Laboratories SL28EB742 Datasheet HTML 2Page - Silicon Laboratories SL28EB742 Datasheet HTML 3Page - Silicon Laboratories SL28EB742 Datasheet HTML 4Page - Silicon Laboratories SL28EB742 Datasheet HTML 5Page - Silicon Laboratories SL28EB742 Datasheet HTML 6Page - Silicon Laboratories SL28EB742 Datasheet HTML 7Page - Silicon Laboratories SL28EB742 Datasheet HTML 8Page - Silicon Laboratories SL28EB742 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
SL28EB742
2
Rev. 1.0
Description
The SL28EB742 is a high-performance clock generator supporting Intel Cedarview platforms. The SL28EB742 is rated to
support extended grade temperature. Utilizing an inexpensive 14.318 MHz crystal, it is capable of supporting multiple
frequencies from four PLLs. The CPU clock can support a frequency range from 83.33 to 166 MHz by configuration of two strap
pins. With a combination of strap pins and an I2C interface, the device allows maximum configurability.
EProClock® is the world’s first non-volatile programmable clock. The EProClock® technology allows board designer to promptly
achieve optimum compliance and clock signal integrity; historically, attainable typically through device and/or board redesigns.
EProClock® technology can be configured through SMBus or hard coded.
Functional Block Diagram
Crystal/
CLKIN
PLL 1
(SSC)
OTP
Logic Core
VR
PLL 4
(non-SSC)
PLL 3
(non-SSC)
Divider
Divider
Divider
SCLK
SDATA
REF [1:0]
CPU
PCI
CLKPWRGD/
PD#
CPU_STP#
FS [ C:A]
XIN
XOUT
48M
PLL 2
(non-SSC)
Divider
SRC
SATA / SRC0
DOT96
12 / 48M
25M
PCI/SRC_STP#
CLKREQ[3:1]
ITP_EN
SEL_SATA
SEL_12_48


Número de pieza similar - SL28EB742

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742A SILABS-SL28EB742A Datasheet
1Mb / 20P
   Timing Selector Guide
More results

Descripción similar - SL28EB742

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28773 SILABS-SL28773 Datasheet
435Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28748 SILABS-SL28748 Datasheet
316Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
CY28547 SILABS-CY28547 Datasheet
1Mb / 25P
   Clock Generator for Intel짰CK410M/CK505
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28774 SILABS-SL28774 Datasheet
274Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
   EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com