Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ350 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SJ350
Descripción Electrónicos  Silicon P-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ350 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SJ350 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SJ350
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
–120
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
–6
A
Drain peak current
I
D(pulse)*
1
–12
A
Body to drain diode reverse drain current
I
DR
–6
A
Channel dissipation
Pch*
2
20
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at T
C = 25°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–120
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
–250
µAV
DS = –100 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
R
DS(on)
0.5
0.7
I
D = –4 A, VGS = –10 V*
1
resistance
0.7
0.9
I
D = –4 A, VGS = –4 V*
1
Forward transfer admittance
|y
fs|
3.0
5.0
S
I
D = –4 A, VDS = –10 V*
1
Input capacitance
Ciss
900
pF
V
DS = –10 V, VGS = 0,
Output capacitance
Coss
265
pF
f = 1 MHz
Reverse transfer capacitance
Crss
65
pF
Turn-on delay time
t
d(on)
11
ns
I
D = –4 A, VGS = –10 V,
Rise time
t
r
45
ns
R
L = 7.5 Ω
Turn-off delay time
t
d(off)
170
ns
Fall time
t
f
—80
ns
Body to drain diode forward
voltage
V
DF
–1.2
V
I
F = –6 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
240
ns
I
F = –6 A, VGS = 0,
di
F/dt = 50 A/µs
Note:
1. Pulse test


Número de pieza similar - 2SJ350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ350 RENESAS-2SJ350 Datasheet
82Kb / 7P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ350 VBSEMI-2SJ350 Datasheet
1Mb / 7P
   P-Channel 100 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ350-E RENESAS-2SJ350-E Datasheet
82Kb / 7P
   Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ3501 KEXIN-2SJ3501 Datasheet
523Kb / 4P
   P-Channel MOSFET
More results

Descripción similar - 2SJ350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com