Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ350 Datasheet(PDF) 3 Page - Hitachi Semiconductor

No. de pieza 2SJ350
Descripción Electrónicos  Silicon P-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ350 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ350 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ350 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SJ350
3
40
30
20
10
0
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
DC
Operation
(Tc
=
25
°C)
10 µs
100
µs
1 ms
Operation in
this area is
limited by R DS(on)
Ta = 25 °C
PW
=
10
ms
(1shot)
–20
–10
–2
–1
–5
–0.2
–0.5
–0.1
–2
–5
–10
–20
–50
–100 –200
–10
–8
–6
–4
–2
0
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
–4
–8
–12
–16
–20
–4 V
–6 V
–10 V
–3 V
Pulse Test
V
= –2.5 V
GS
–3.5 V
–10
–8
–6
–4
–2
0
–1–2–3
–4
–5
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
75 °C
Tc = –25 °C
25 °C
V
= –10 V
Pulse Test
DS


Número de pieza similar - 2SJ350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ350 RENESAS-2SJ350 Datasheet
82Kb / 7P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ350 VBSEMI-2SJ350 Datasheet
1Mb / 7P
   P-Channel 100 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ350-E RENESAS-2SJ350-E Datasheet
82Kb / 7P
   Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ3501 KEXIN-2SJ3501 Datasheet
523Kb / 4P
   P-Channel MOSFET
More results

Descripción similar - 2SJ350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com