Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ351 Datasheet(PDF) 3 Page - Hitachi Semiconductor

No. de pieza 2SJ351
Descripción Electrónicos  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ351 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ351 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ351 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SJ351, 2SJ352
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source
2SJ351
V
(BR)DSX
–180
V
I
D = –10 mA, VGS = 10 V
breakdown voltage
2SJ352
–200
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source cutoff voltage
V
GS(off)
–0.15
–1.45
V
I
D = –100 mA, VDS = –10 V
Drain to source saturation
voltage
V
DS(sat)
–12
V
I
D = –8 A, VGD = 0*
1
Forward transfer admittance
|y
fs|
0.7
1.0
1.4
S
I
D = –3 A, VDS = –10 V*
1
Input capacitance
Ciss
800
pF
V
GS = 5 V, VDS = –10 V,
Output capacitance
Coss
1000
pF
f = 1 MHz
Reverse transfer capacitance
Crss
18
pF
Turn-on time
t
on
320
ns
V
DD = –30 V, ID = –4 A
Turn-off time
t
off
120
ns
Note:
1. Pulse test


Número de pieza similar - 2SJ351

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ351 RENESAS-2SJ351 Datasheet
70Kb / 6P
   Silicon P Channel MOS FET
2SJ351-E RENESAS-2SJ351-E Datasheet
70Kb / 6P
   Silicon P Channel MOS FET
2SJ351 RENESAS-2SJ351_15 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ351

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com