Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ361 Datasheet(PDF) 3 Page - Hitachi Semiconductor

No. de pieza 2SJ361
Descripción Electrónicos  Silicon P-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ361 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ361 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SJ361
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–20
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
–10
µAV
DS = –16 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–0.5
–1.5
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
R
DS(on)
0.28
0.4
I
D = –1 A, VGS = –10 V
resistance
0.85
1.5
I
D = –0.4 A, VGS = –2.5 V
Forward transfer admittance
|y
fs|
0.15
0.3
S
I
D = –1 A, VDS = –10 V
Input capacitance
Ciss
3.2
pF
V
DS = –10 V, VGS = 0,
Output capacitance
Coss
130
pF
f = 1 MHz
Reverse transfer capacitance
Crss
0.6
pF
Turn-on delay time
t
d(on)
350
ns
I
D = –1 A, VGS = –10 V,
Rise time
t
r
1650
ns
R
L = 10 Ω
Turn-off delay time
t
d(off)
7280
ns
Fall time
t
f
6950
ns
Body to drain diode forward
voltage
V
DF
–1.0
V
I
F = –2 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
530
ns
I
F = –2 A, VGS = 0,
di
F/dt = 20 A/µs
Note:
1. Pulse test


Número de pieza similar - 2SJ361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
278Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ360 TOSHIBA-2SJ360 Datasheet
748Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
   MOS Field Effect Transistors
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
211Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ360 TOSHIBA-2SJ360 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - 2SJ361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com